Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 90 of 96
Table 158. Register 0x45—OUTB Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt3 (rising edge dead
time of OUTB)
R/W
This register sets Δt3, which is the delay time of the rising edge of OUTB from the start of the
switching cycle, tA. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt3 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
1275
Table 159. Register 0x46—Highest Switching Frequency Limit Setting (Minimum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:0]
Highest frequency
R/W
This register contains the eight MSBs of the 12-bit value of the highest switching frequency (mini-
mum switching cycle) limit. This value is always used with the top four bits of Register 0x48,
which contain the four LSBs of the highest switching frequency limit. Each LSB of the 12-bit
value corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x46
is set to 0x10 (16 decimal) and Bits[7:4] of Register 0x48 are set to 0x9 (9 decimal), the minimum
switching cycle is (16 × 16 + 9) × 5 ns = 1.325 μs, and the highest switching frequency limit is
1/1.325 μs = 755 kHz. It is recommended that the maximum frequency be limited 1 MHz.
Table 160. Register 0x47—OUTB Falling Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt4 (falling edge dead
time of OUTB)
R/W
This register sets Δt4, which is the difference between the falling edge of OUTB and the mid-
point of the switching cycle, tB. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the falling edge of OUTB is trailing tB. When the value is from 0x80
to 0xFF, the falling edge of OUTB is leading tB.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt4
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
…
…
…
…
…
…
…
…
…
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
5 ns leading
Table 161. Register 0x48—Highest Switching Frequency Limit Setting (Minimum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:4]
Highest frequency
R/W
This register contains the four LSBs of the 12-bit value of the highest switching frequency (mini-
mum switching cycle) limit. This value is always used with the eight bits of Register 0x46, which
contain the eight MSBs of the highest switching frequency limit. Each LSB of the 12-bit value
corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x46 is set to
0x10 (16 decimal) and Bits[7:4] of Register 0x48 are set to 0x9 (9 decimal), the minimum
switching cycle is (16 × 16 + 9) × 5 ns = 1.325 μs, and the highest switching frequency limit is
1/1.325 μs = 755 kHz.
[3:0]
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com