Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 81 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 81 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 81 of 96
EXTENDED FUNCTIONS REGISTERS
Table 117. Register 0x75—Voltage Line Feedforward
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Disable feedforward
during soft start
R/W
If voltage line feedforward is enabled, this bit disables it during the reference ramp-up (soft
start). This operation is gated by the filter GO bit (Register 0x7F[3]).
0 = feedforward enabled during soft start (recommended setting).
1 = feedforward disabled during soft start.
2
Feedforward enable
R/W
This bit enables the voltage line feedforward loop. This operation is gated by the filter GO bit
(Register 0x7F[3]).
0 = feedforward disabled.
1 = feedforward enabled.
These bits set the gain for the voltage feedforward function.
Bit 1
Bit 0
Gain
0
0
1
0
1
0.875
1
0
0.75
[1:0]
Gain setting
R/W
1
1
0.5
Table 118. Register 0x76—Volt-Second Balance Settings (OUTA and OUTB Pins)
Bits
Bit Name
R/W
Description
7
Modulate enable, t1
R/W
Setting this bit enables modulation from balance control on the OUTA rising edge, t1.
6
t1 sign
R/W
0 = positive sign. Increase of balance control modulation moves t1 right.
1 = negative sign. Increase of balance control modulation moves t1 left.
5
Modulate enable, t2
R/W
Setting this bit enables modulation from balance control on the OUTA falling edge, t2.
4
t2 sign
R/W
0 = positive sign. Increase of balance control modulation moves t2 right.
1 = negative sign. Increase of balance control modulation moves t2 left.
3
Modulate enable, t3
R/W
Setting this bit enables modulation from balance control on the OUTB rising edge, t3.
2
t3 sign
R/W
0 = positive sign. Increase of balance control modulation moves t3 right.
1 = negative sign. Increase of balance control modulation moves t3 left.
1
Modulate enable, t4
R/W
Setting this bit enables modulation from balance control on the OUTB falling edge, t4.
0
t4 sign
R/W
0 = positive sign. Increase of balance control modulation moves t4 right.
1 = negative sign. Increase of balance control modulation moves t4 left.
Table 119. Register 0x77—Volt-Second Balance Settings (OUTC and OUTD Pins)
Bits
Bit Name
R/W
Description
7
Modulate enable, t5
R/W
Setting this bit enables modulation from balance control on the OUTC rising edge, t5.
6
t5 sign
R/W
0 = positive sign. Increase of balance control modulation moves t5 right.
1 = negative sign. Increase of balance control modulation moves t5 left.
5
Modulate enable, t6
R/W
Setting this bit enables modulation from balance control on the OUTC falling edge, t6.
4
t6 sign
R/W
0 = positive sign. Increase of balance control modulation moves t6 right.
1 = negative sign. Increase of balance control modulation moves t6 left.
3
Modulate enable, t7
R/W
Setting this bit enables modulation from balance control on the OUTD rising edge, t7.
2
t7 sign
R/W
0 = positive sign. Increase of balance control modulation moves t7 right.
1 = negative sign. Increase of balance control modulation moves t7 left.
1
Modulate enable, t8
R/W
Setting this bit enables modulation from balance control on the OUTD falling edge, t8.
0
t8 sign
R/W
0 = positive sign. Increase of balance control modulation moves t8 right.
1 = negative sign. Increase of balance control modulation moves t8 left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com