Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 8 of 96
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Measurement Accuracy
Factory trimmed at 1 V
0 mV to 160 mV
−0.5
+0.5
% FSR
−8
+8
mV
0% to 100% of usable input voltage range
−3.0
+3.0
% FSR
−42
+42
mV
Temperature Readings
According to Internal
Linearization Scheme
RTD source set to 46 μA (Register 0x11 set to
0xE6); NTC R0 = 100 kΩ, 1%, beta = 4250, 1%;
REXT = 16.5 kΩ, 1%
25°C to 100°C
7
°C
100°C to 125°C
5
°C
OTP
Threshold Accuracy
T = 85°C with 100 kΩ||16.5 kΩ
−0.9
+0.25
% FSR
−14.4
+4
mV
T = 100°C with 100 kΩ||16.5 kΩ
−0.5
+1.1
% FSR
−8
+17.6
mV
Comparator Speed
10.5
ms
OTP Threshold Hysteresis
16
mV
PGOOD1, PGOOD2, SHAREo PINS
(OPEN DRAIN)
Output Low Voltage
VOL
0.4
V
PSON, FLAGIN, SHAREi PINS
(DIGITAL INPUTS)
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
VDD − 0.4
V
FLAGIN Propagation Delay
Does not include debounce time (Register
0x0A[3] = 1); flag action set to disable PSU
200
ns
Leakage Current
1.0
μA
GATE PIN
Output Low Voltage
VOL
0.4
V
Output High Voltage
VOH
VDD − 0.4
V
SDA/SCL PINS
VDD = 3.3 V
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
VDD − 0.4
V
Output Low Voltage
VOL
0.4
V
Leakage Current
1.0
μA
SERIAL BUS TIMING
See Figure 3
Clock Operating Frequency
10
100
400
kHz
Bus-Free Time
tBUF
Between stop and start conditions
1.3
μs
Start Hold Time
tHD;STA
Hold time after (repeated) start condition;
after this period, the first clock is generated
0.6
μs
Start Setup Time
tSU;STA
Repeated start condition setup time
0.6
μs
Stop Setup Time
tSU;STO
0.6
μs
SDA Setup Time
tSU;DAT
100
ns
SDA Hold Time
tHD;DAT
For readback
125
ns
For write
300
ns
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Period
tLOW
1.3
μs
SCL High Period
tHIGH
0.6
μs
Clock Low Extend Time
tLO;SEXT
25
ms
SCL, SDA Fall Time
tF
20
300
ns
SCL, SDA Rise Time
tR
20
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com