Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 84 of 96
EEPROM REGISTERS
Refer to the I2C communication protocol specification for more information about how to write these commands to the ADP1046.
Table 127. Register 0x81—RESTORE_DEFAULT_ALL
Bits
Bit Name
Type
Description
N/A
RESTORE_DEFAULT_ALL
Send
byte
Download the factory default settings from EEPROM (Page 0 of the main block) into
operating memory. The password is also reset to the default value (0xFF).
Table 128. Register 0x82—STORE_USER_ALL
Bits
Bit Name
Type
Description
N/A
STORE_USER_ALL
Send
byte
Copy the entire contents of operating memory (registers) into EEPROM (Page 1 of the main
block). The EEPROM must first be unlocked.
Table 129. Register 0x83—RESTORE_USER_ALL
Bits
Bit Name
Type
Description
N/A
RESTORE_USER_ALL
Send
byte
Download the stored user settings from EEPROM (Page 1 of the main block) into operating
memory. The EEPROM must first be unlocked.
Table 130. Register 0x84—EEPROM_CRC_CHKSUM
Bits
Bit Name
Type
Description
[7:0]
EEPROM_CRC_CHKSUM
R
Return the CRC checksum value from the EEPROM download operation.
Table 131. Register 0x85—EEPROM_ADDR_OFFSET
Bits
Bit Name
Type
Description
[15:0]
EEPROM_ADDR_OFFSET
R/W
Set the address offset of the current EEPROM page.
Table 132. Register 0x86—EEPROM_NUM_RD_BYTES
Bits
Bit Name
Type
Description
[7:0]
EEPROM_NUM_RD_BYTES
R/W
Set the number of read bytes returned when using the EEPROM_DATA_xx command.
Table 133. Register 0x87—EEPROM_PAGE_ERASE
Bits
Bit Name
Type
Description
[7:4]
Reserved
R
Reserved.
[3:0]
EEPROM_PAGE_ERASE
W
Perform a page erase on the selected EEPROM page (Page 4 to Page 15). Wait 35 ms after
each page erase operation. The EEPROM must first be unlocked. Page 0 and Page 1 are
reserved for storing the default settings and user settings, respectively. The user cannot
perform a page erase of Page 0 or Page 1. Page 2 and Page 3 are reserved for internal use
and their contents should not be erased.
Table 134. Register 0x88—EEPROM_PASSWORD
Bits
Bit Name
Type
Description
[7:0]
EEPROM_PASSWORD
W
Write the password to this register two consecutive times to unlock the EEPROM and/or to
change the EEPROM password. The factory default password is 0xFF. To lock the EEPROM,
type any value other than the password to this register.
Table 135. Register 0x89—TRIM_PASSWORD
Bits
Bit Name
Type
Description
[7:0]
TRIM_PASSWORD
R/W
Write the password to this register to unlock the trim registers for write access. Write the
trim password twice to unlock the register; write any other value to exit. The trim password
is the same as the EEPROM password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com