Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 62 of 96
Bits
Bit Name
R/W
Description
[2:0]
Load line setting
R/W
These bits specify how much the output voltage decreases from nominal at full load. The amount
of output resistance introduced can be calculated as follows (these bits specify the value of N):
ROUT = 0.1 × VOUT_NOM × CS2 RSENSE/(CS2 Range × 2N).
For more information, see the Digital Load Line and Slew Rate section.
Bit 2
Bit 1
Bit 0
Impedance Setting
0
0
0
Setting 0
0
0
1
Setting 1
0
1
0
Setting 2
0
1
1
Setting 3
1
0
0
Setting 4
1
0
1
Setting 5
1
1
0
Setting 6
1
1
1
Setting 7
Table 55. Register 0x37—Fast OVP Comparator
Bits
Bit Name
R/W
Description
[7:6]
Fast OVP debounce
R/W
These bits set the fast OVP debounce time.
Bit 7
Bit 6
Debounce Time (μs)
Min
Typ
Max
0
0
0
0
0
0
1
0.64
0.96
1.28
1
0
1.92
2.24
2.56
1
1
7.98
8
8.32
[5:0]
Fast OVP threshold
R/W
These bits set the threshold for the fast OVP analog comparator. This threshold is programmable
from 0.8 V to 1.6 V. Setting this value to 0x00 corresponds to a 0.8 V threshold. Setting this value to
0x3F corresponds to a 1.6 V threshold. Each LSB increments the threshold by 12.5 mV. The fast OVP
threshold can be set using the following formula:
Fast_OVP_Threshold = (Bits[5:0] × 0.8 V/63) + 0.8 V
Table 56. Register 0x38—VS1 Trim
Bits
Bit Name
R/W
Description
7
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VS1 trim
R/W
These bits set the amount of gain trim that is applied to the VS1 ADC reading. This register trims the
voltage at the VS1 pin for external resistor tolerances. When there is 1 V on the VS1 pin, this register
is trimmed until the VS1 voltage value (Register 0x15[15:4]) reads 2560 (0xA00).
Table 57. Register 0x39—VS2 Trim
Bits
Bit Name
R/W
Description
7
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VS2 trim
R/W
These bits set the amount of gain trim that is applied to the VS2 ADC reading. This register trims the
voltage at the VS2 pin for external resistor tolerances. When there is 1 V on the VS2 pin, this register
is trimmed until the VS2 voltage value (Register 0x16[15:4]) reads 2560 (0xA00).
Table 58. Register 0x3A—VS3 Trim
Bits
Bit Name
R/W
Description
7
Trim polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
VS3 trim
R/W
These bits set the amount of gain trim that is applied to the VS3 ADC reading. This register trims the
voltage at the VS3 pins for external resistor tolerances. When there is 1 V on each VS3 pin, this
register is trimmed until the VS3 voltage value (Register 0x17[15:4]) reads 2560 (0xA00). The VS3
trim must be performed before the load OVP and load UVP trims are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com