Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 56 of 96
Table 37. Register 0x25—CS2 Digital Offset Trim
Bits
Bit Name
R/W
Description
[7:0]
CS2 digital offset trim
R/W
This register contains the CS2 digital trim level. This value is used to calibrate the CS2 value
that is read in Register 0x18. See the CS2 Trim section for more information.
Table 38. Register 0x26—CS2 Accurate OCP Limit
Bits
Bit Name
R/W
Description
[7:0]
CS2 accurate OCP
R/W
This register sets the CS2 accurate OCP current level. This 8-bit number is compared to the CS2 value
register (Register 0x18). When the CS2 value register is greater than the value in this register,
the CS2 accurate OCP flag is set. The following equation gives the CS2 accurate OCP threshold:
CS2_OCP_Threshold = CS2_OCP_Limit × (ADC_Range)/256 + 16 × (ADC_Range)/212
Table 39. Register 0x27—CS1/CS2 Fast OCP Settings
Bits
Bit Name
R/W
Description
[7:6]
CS1 fast OCP debounce
R/W
These bits set the CS1 fast OCP debounce value. This is the minimum time that the CS1 signal
must be constantly above the fast OCP limit before the PWM outputs are shut down. When this
happens, all PWM outputs are disabled for the remainder of the switching cycle.
Bit 7
Bit 6
Debounce (ns)
0
0
0
0
1
40
1
0
80
1
1
120
5
CS2 nominal voltage
drop
R/W
These bits set the nominal full-scale voltage drop across the sense resistor. See the CS2 Trim
section for more information. These bits set the LSB step size of the CS2 ADC.
Bit 5
ADC Range (mV)
LSB Step Size (μV)
0
60
14.65
1
120
29.30
4
CS1 fast OCP bypass
R/W
Setting this bit to 1 means that the FLAGIN pin is used for CS1 fast OCP instead of the CS1 pin.
3
Constant current mode
R/W
When this bit is set, constant current mode is enabled to 97% of the CS2 accurate OCP limit.
1 = constant current mode enabled.
0 = constant current mode disabled.
2
CS2 current sensing
R/W
This bit is set high if high-side current sensing is used. This bit is set low if low-side current
sensing is used. See the CS2 Trim section for more information.
[1:0]
CS1 fast OCP timeout
R/W
If the CS1 fast OCP comparator is set, all PWM outputs that are on at that time are immediately
disabled for the remainder of the switching cycle. The PWM outputs resume normal operation at
the beginning of the next switching cycle. These bits set the number of consecutive switching
cycles for the comparator before the CS1 fast OCP response is activated.
Bit 1
Bit 0
Number of Switching Cycles
0
0
1
0
1
62
1
0
188
1
1
440
Table 40. Register 0x28—Volt-Second Balance Settings
Bits
Bit Name
R/W
Description
7
Reserved
R/W
Reserved.
6
Volt-second balance
enable
R/W
Setting this bit enables volt-second balance for the main transformer (used for full-bridge
configurations). For more information, see the Volt-Second Balance section.
5
Volt-second balance
leading edge blanking
R/W
Setting this bit means that CS1 is blanked for volt-second balance calculations at the rising
edge of the PWM outputs that are selected for volt-second balance. The blanking value is the
same value configured for CS1 fast OCP blanking in Register 0x22[7:5].
4
Volt-second disable
during soft start
R/W
0 = do not blank volt-second balance control during soft start.
1 = blank volt-second balance control during soft start.
3
50% blanking of each
phase
R/W
Setting this bit limits the sampling period for the current on CS1 to less than 50% of a half cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com