Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 42 of 96
WRITE OPERATION (BYTE WRITE AND BLOCK
WRITE)
Write to Main Block, Page 0 and Page 1
Page 0 and Page 1 of the main block are reserved for storing the
default settings and user settings, respectively. The user cannot
perform a direct write operation to Page 0 or Page 1 using the
EEPROM_DATA_00 and EEPROM_DATA_01 commands. A
user write to Page 0 or Page 1 returns a no acknowledge. To
program the register contents of Page 1 of the main block, it is
recommended that the STORE_USER_ALL command be used
(Register 0x82). See the Save Register Settings to User Settings
section.
Write to Main Block, Page 2 and Page 3
Page 2 and Page 3 of the main block are reserved for internal
use and their contents should not be written to. Only Page 4
to Page 15 should be used to store data.
Write to Main Block, Page 4 to Page 15
Before performing a write to Page 4 through Page 15 of the
main block, the user must first unlock the EEPROM (see the
Unlock the EEPROM section).
Data in Page 4 to Page 15 of the EEPROM main block can be
programmed (written to) one byte at a time or in multiple bytes
in series using the EEPROM_DATA_xx commands (Register
0x8B to Register 0x9A). Before executing this command, the user
can program the offset from the page boundary where the first
byte is written using the EEPROM_ADDR_OFFSET command
(Register 0x85).
If the targeted page has not yet been erased, the user can erase
the page as described in the Page Erase Operation section.
In the following example, four bytes are written to Page 9,
starting from the 256th byte of that page.
1.
Set address offset = 256.
S
7-BIT
SLAVE
ADDRESS
W A
A
0x00
AA P
0x85
0x01
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
2.
Write four bytes to Page 9.
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = 4
W
A
A
A
0x94
DATA BYTE 1
DATA BYTE 4
A
A
P
...
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
Note that the block write command can write a maximum
of 256 bytes for any single transaction (set the byte count = 0).
EEPROM PASSWORD
On power-up, the EEPROM is locked and protected from
accidental writes or erases. Only reads from Page 2 to Page 15
of the main block are allowed when the EEPROM is locked.
Before any data can be written (programmed) to the EEPROM,
the EEPROM must be unlocked for write access. After it is
unlocked, the EEPROM is opened for reading, writing, and
erasing.
Unlock the EEPROM
To unlock the EEPROM, perform two consecutive writes
with the correct password (default = 0xFF) using the EEPROM_
PASSWORD command (Register 0x88). The EEPROM unlocked
flag (Bit 0 of Register 0x03) is set to indicate that the EEPROM
is unlocked for write access.
Lock the EEPROM
To lock the EEPROM, write any byte other than the correct pass-
word using the EEPROM_PASSWORD command (Register 0x88).
The EEPROM unlocked flag (Bit 0 of Register 0x03) is cleared
to indicate that the EEPROM is locked from write access.
Change the EEPROM Password
To change the EEPROM password, first write the correct password
using the EEPROM_PASSWORD command (Register 0x88).
Immediately write the new password using the same command.
The password is now changed to the new password.
DOWNLOADING EEPROM SETTINGS TO INTERNAL
REGISTERS
Download User Settings to Registers
The user settings are stored in Page 1 of the EEPROM main
block. These settings are downloaded from the EEPROM into
the registers under the following conditions:
On power-up. The user settings are automatically down-
loaded into the internal registers, powering the part up in
a state previously saved by the user.
On execution of the RESTORE_USER_ALL command
(Register 0x83). This command allows the user to force a
download of the user settings from Page 1 of the EEPROM
main block into the internal registers.
Download Factory Default Settings to Registers
The factory default settings are stored in Page 0 of the EEPROM
main block. The factory default settings can be downloaded from
the EEPROM into the internal registers using the RESTORE_
DEFAULT_ALL command (Register 0x81).
When this command is executed, the EEPROM password is also
reset to the factory default setting of 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com