Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 47 of 96
Address
Register Name
Digital Filter Programming Registers
0x5F
Soft start and output voltage slew rate settings
0x60
Normal mode digital filter LF gain setting
0x61
Normal mode digital filter zero setting
0x62
Normal mode digital filter pole setting
0x63
Normal mode digital filter HF gain setting
0x64
Light load mode digital filter LF gain setting
0x65
Light load mode digital filter zero setting
0x66
Light load mode digital filter pole setting
0x67
Light load mode digital filter HF gain setting
Adaptive Dead Time Registers
0x68
Adaptive dead time threshold
0x69
Dead Time 1
0x6A
Dead Time 2
0x6B
Dead Time 3
0x6C
Dead Time 4
0x6D
Dead Time 5
0x6E
Dead Time 6
0x6F
Dead Time 7
0x70
Dead time configuration
Soft Start Filter Programming Registers
0x71
Soft start digital filter LF gain setting
0x72
Soft start digital filter zero setting
0x73
Soft start digital filter pole setting
0x74
Soft start digital filter HF gain setting
Extended Functions Registers
0x75
Voltage line feedforward
0x76
Volt-second balance settings (OUTA and OUTB pins)
0x77
Volt-second balance settings (OUTC and OUTD pins)
0x78
Volt-second balance settings (SR1 and SR2 pins)
0x79
SR delay compensation
0x7A
Filter transitions
0x7B
PGOOD1 flag masking
0x7C
PGOOD2 flag masking
0x7D
Light load mode threshold settings
0x7E
Reserved
0x7F
GO byte
0x80
Reserved
EEPROM Registers
0x81
RESTORE_DEFAULT_ALL
0x82
STORE_USER_ALL
0x83
RESTORE_USER_ALL
0x84
EEPROM_CRC_CHKSUM
0x85
EEPROM_ADDR_OFFSET
0x86
EEPROM_NUM_RD_BYTES
0x87
EEPROM_PAGE_ERASE
0x88
EEPROM_PASSWORD
0x89
TRIM_PASSWORD
0x8A
EEPROM_INFO
0x8B
EEPROM_DATA_00
0x8C
EEPROM_DATA_01
0x8D
EEPROM_DATA_02
0x8E
EEPROM_DATA_03
0x8F
EEPROM_DATA_04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com