Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 6 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RMS Output Noise
N
10 Hz to 100 kHz, VINLDO = 5 V
40
µV rms
Short-Circuit Current
V
OUTLDO = GND
400
mA
Undervoltage Lockout Threshold
V
INLDO_UVLO
V
INLDO rising
2.35
2.5
2.65
V
Undervoltage Lockout Hysteresis
V
INLDO
0.18
V
1 Guaranteed by design. Not production tested.
2 Connect V
IN to VCCO when VIN < 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com