Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 15 of 24
The LDO has been optimized to handle these transients without
overload faults. Due to the gate drive loading, using the VCCO
output for other external auxiliary system loads is not recom-
mended.
The LDO includes a current limit well above the expected
maximum gate drive load. This current limit also includes a
short-circuit fold back to further limit the VCCO current in the
event of a short-circuit fault.
The VDL pin provides power to the low-side driver. Connect
VDL to VCCO. Bypass VDL to PGND with a 1 µF (minimum)
ceramic capacitor, which must be placed close to the VDL pin.
For an input voltage of less than 5.5 V, it is recommended to
bypass the LDO by connecting VIN to VCCO, as shown in
Figure 25, thus eliminating the dropout voltage. However, for
example, if the input range is 4 V to 7 V, the LDO cannot be
bypassed by shorting VIN to VCCO because the 7 V input has
exceeded the maximum voltage rating of the VCCO pin. In this
case, use the LDO to drive the internal drivers noting that there
is a dropout when VIN is less than 5 V.
Figure 25. Configuration for VIN < 5.5 V
OVERVOLTAGE PROTECTION
The ADP1876 operates at a 600 kHz fixed frequency PWM.
When the output is shorted to a voltage higher than the regu-
lation voltage, the duty cycle of the controller modulates to keep
the output stable at the preset regulation voltage by sinking
current through the low-side N-channel MOSFET during the
off cycle.
POWER GOOD
The PGOODx pin is an open-drain NMOS with an internal
12 kΩ pull-up resistor connected between PGOODx and
VCCO. PGOODx is internally pulled up to VCCO during
normal operation and is active low when tripped. When the
feedback voltage, VFB, rises above the overvoltage threshold or
drops below the undervoltage threshold, the PGOODx output
is pulled to ground after a delay of 12 µs. The overvoltage or under-
voltage condition must exist for more than 12 µs for PGOODx to
become active. The PGOODx output also becomes active if a
thermal overload condition is detected.
SHORT-CIRCUIT AND CURRENT-LIMIT
PROTECTION
When the output is shorted or the output current exceeds the
current limit set by the current-limit setting resistor (between
ILIMx and SWx) for eight consecutive cycles, the ADP1876
shuts off both the high-side and low-side drivers and restarts
the soft start sequence every 10 ms, which is known as hiccup
mode. The SS node discharges to zero through an internal 1 kΩ
resistor during an overcurrent or short-circuit event. Figure 26
shows that the ADP1876 (a 20 A application circuit) is entering
current-limit hiccup mode when the output is shorted.
Figure 26. Current-Limit Hiccup Mode, 20 A Circuit
SHUTDOWN CONTROL
The EN1 and EN2 pins enable or disable Channel 1 and
Channel 2, respectively, of the ADP1876. The precision enable
threshold for EN1 or EN2 is typically 0.63 V. When the EN1
or EN2 voltage rises above 0.63 V, the ADP1876 is enabled
and starts normal operation after the soft start period. When
the voltage at ENx drops below 0.57 V, the switchers and the
internal circuits in the ADP1876 are turned off. Note that
EN1/EN2 cannot shut down the VOUTLDO or VCCO, which
are always active.
For the purpose of start-up power sequencing, the startup of the
ADP1876 can be programmed by connecting an appropriate
resistor divider from the master power supply to the EN1 or
EN2 pin, as shown in Figure 27. For instance, if the desired
start-up voltage from the master power supply is 10 V, R1 and
R2 can be set to 156 kΩ and 10 kΩ, respectively.
Figure 27. Optional Power-Up Sequencing Circuit
VIN = 2.75V TO 5.5V
ADP1876
VIN
VCCO
CH3 500mV
CH1 10V
CH4 10A
Ω
M2ms
A CH1
11.2V
SW1
SS1
INDUCTOR CURRENT
1
3
4
ADP1876
FB1
OR
FB2
EN1
OR
EN2
RTOP
RBOT
VOUT1
R1
R2
MASTER
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com