Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 12 of 24
Figure 16. Dead Time vs. Temperature
Figure 17. Dead Time vs. VIN
Figure 18. gm of Error Amplifier vs. Temperature
Figure 19. Driver Resistance vs. Temperature
Figure 20. VOUTLDO Line Regulation
Figure 21. VOUTLDO Load Regulation
25
35
34
33
32
31
30
29
28
27
26
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 12V
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SWx FALLING EDGE
AND DLx RISING EDGE, INCLUDING DIODE RECOVERY TIME
25
45
43
41
39
37
35
33
31
29
27
0
20
15
10
5
VIN (V)
TA = 25°C
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SWx FALLING EDGE
AND DLx RISING EDGE, INCLUDING DIODE RECOVERY TIME
400
420
440
460
480
500
520
540
560
580
600
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 2.75V TO 20V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 2.75V, SOURCING
VIN = 12V, SOURCING
VIN = 2.75V, SINKING
VIN = 12V, SINKING
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VINLDO (V)
–0.20
–0.18
–0.16
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
VOUTLDO LOAD (A)
VINLDO = 3V
VINLDO = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com