Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Test conditions are at TA = 25°C and VIN = 12 V, unless otherwise specified.
Figure 4. Efficiency Plot of Figure 33
Figure 5. VCCO Dropout
Figure 6. VCCO Line Regulation
Figure 7. VCCO vs. VIN
Figure 8. Step Load Transient of Figure 33
Figure 9. Soft Start Into Precharged Output
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
LOAD (A)
VIN = 12V
VOUT = 1.8V
VOUT = 5V
–0.25
–0.20
–0.15
–0.10
–0.05
0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
50mA LOAD
100mA LOAD
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5
7
9
11
13
15
17
VIN (V)
NO LOAD ON LDO
100mA LOAD ON LDO
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VIN (V)
CH1
5.00A Ω
CH3 20.0mV
M100µs
A CH1
9.00A
1
3
VOUT1 = 5V OUTPUT RESPONSE
OUTPUT STEP LOAD = 5A TO 10A
2
CH3 1V
CH2 5V
CH1 5V
CH4 1A
Ω
M1ms
A CH1
2.4V
VIN = 12V
VOUT = 1.8V
OUTPUT PRECHARGED TO 1V
DH1
DL1
VOUT1
IL1
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com