Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 20 of 24
Usually, the impedance is dominated by ESR, such as in
electrolytic or polymer capacitors, at the switching frequency, as
stated in the maximum ESR rating on the capacitor data sheet;
therefore, output ripple reduces to
ESR
L
OUT
R
I
V
×
∆
≅
∆
Electrolytic capacitors also have significant ESL, on the order
of 5 nH to 20 nH, depending on type, size, and geometry. PCB
traces contribute some ESR and ESL, as well. However, using
the maximum ESR rating from the capacitor data sheet often
provides enough margin such that measuring the ESL is not
usually required.
In the case of output capacitors where the impedance of the ESR
and ESL are small at the switching frequency, for instance, where
the output capacitor is a bank of parallel MLCC capacitors, the
capacitive impedance dominates and the output capacitance
equation reduces to
SW
OUT
L
OUT
f
V
I
C
×
∆
∆
≅
8
Ensure that the ripple current rating of the output capacitors is
greater than the maximum inductor ripple current.
For example, during a load step transient on the output, when
the load is suddenly increased, the output capacitor supplies the
load until the control loop has a chance to ramp the inductor
current. This initial output voltage deviation results in a voltage
droop or undershoot. The output capacitance (assuming 0 Ω
ESR) that is required to satisfy the voltage droop requirement
can be approximated by
SW
DROOP
STEP
OUT
f
V
I
C
×
∆
∆
≅
where:
∆ISTEP is the step load.
∆VDROOP is the voltage droop at the output.
When a load is suddenly removed from the output, the energy
stored in the inductor rushes into the capacitor, causing the
output to overshoot. The output capacitance required to satisfy
the output overshoot requirement can be approximated by
2
2
2
)
(
OUT
OVERSHOOT
OUT
STEP
OUT
V
V
V
L
I
C
−
∆
+
∆
≅
where:
∆VOVERSHOOT is the overshoot voltage during the step load.
Select the largest output capacitance given by any of the
previous three equations.
MOSFET SELECTION
The choice of MOSFET directly affects the dc-to-dc converter
performance. A MOSFET with low on resistance reduces I2R
losses, and a low gate charge reduces transition losses. A MOSFET
that has low thermal resistance ensures that the power dissipated
in the MOSFET does not result in excessive MOSFET die tem-
perature.
The high-side MOSFET carries the load current during on time
and usually carries most of the transition losses of the converter.
Typically, the lower the on resistance of the MOSFET, the higher
the gate charge, and vice versa. Therefore, it is important to
choose a high-side MOSFET that balances the two losses. The
conduction loss of the high-side MOSFET is determined by the
equation


×
≅
IN
OUT
DSON
LOAD
C
V
V
R
I
P
2
)
(
where:
RDSON is the MOSFET on resistance.
The gate charging loss is approximated by the equation
PG ≅ VPV × QG × fSW
where
VPV is the gate driver supply voltage.
QG is the MOSFET total gate charge.
Note that the gate charging power loss is not dissipated in the
MOSFET but rather in the ADP1876 internal drivers. This
power loss must be considered when calculating the overall
power efficiency.
The high-side MOSFET transition loss is approximated by the
equation
2
)
(
SW
F
R
LOAD
IN
T
f
t
t
I
V
P
×
+
×
×
≅
where:
PT is the high-side MOSFET switching loss power.
tR is the rise time in charging the high-side MOSFET.
tF is the fall time in discharging the high-side MOSFET.
tR and tF can be estimated by the following equations:
RISE
DRIVER
GSW
R
I
Q
t
_
≅
FALL
DRIVER
GSW
F
I
Q
t
_
≅
where:
QGSW is the gate charge of the MOSFET during switching and is
given in the MOSFET data sheet.
IDRIVER_RISE and IDRIVER_FALL are the driver current output by the
ADP1876 internal gate drivers.
If QGSW is not given in the data sheet, it can be approximated by
2
GS
GD
GSW
Q
Q
Q
+
≅
where QGD and QGS are the gate-to-drain and gate-to-source
charges given in the MOSFET data sheet.
IDRIVER_RISE and IDRIVER_FALL can be estimated by
GATE
SOURCE
ON
SP
DD
RISE
DRIVER
R
R
V
V
I
+
−
≅
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com