Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 18 of 24
Figure 28. Accurate Current-Limit Sensing
SETTING THE SLOPE COMPENSATION
In a current mode control topology, slope compensation is
needed to prevent subharmonic oscillations in the inductor
current and to maintain a stable output. The external slope
compensation is implemented by summing the amplified sense
signal and a scaled voltage at the RAMPx pin. To implement the
slope compensation, connect a resistor between RAMPx and
the input voltage. The resistor, RRAMP, is calculated by
MAX
DSON
CS
RAMP
R
A
L
R
_
10
10
6
.
3
×
×
=
where:
3.6 × 1010 is an internal parameter.
L is the inductance of the inductor.
RDSON_MAX is the the low-side MOSFET maximum on resistance.
ACS is the gain, either 3 V/V, 6 V/V, 12 V/V, or 24 V/V, of the
current sense amplifier (see the Setting the Current Sense Gain
section for more details).
Keep in mind that RDSON is temperature dependent and can vary
as much as 0.4%/oC. Choose RDSON at the maximum operating
temperature. The voltage at RAMPx is fixed at 0.2 V, and the
current going into RAMPx should be between 6 µA and 200 µA.
Ensure that the following condition is satisfied:
μA
200
V
2
.
0
μA
6
≤
−
≤
RAMP
IN
R
V
For instance, with an input voltage of 12 V, RRAMP should not
exceed 1.9 MΩ. If the calculated RRAMP produces less than 6 µA,
select an RRAMP value that produces between 6 µA and 20 µA.
Figure 29 illustrates the connection of the slope compensation
resistor, RRAMP, and the current sense gain resistor, RCSG.
Figure 29. Slope Compensation and CS Gain Connection
SETTING THE CURRENT SENSE GAIN
The voltage drop across the external low-side MOSFET is
sensed by a current sense amplifier by multiplying the peak
inductor current and the RDSON of the MOSFET. The result is
amplified by a gain factor of either 3 V/V, 6 V/V, 12 V/V, or
24 V/V, which is programmable by an external resistor, RCSG,
connected to the DLx pin. This gain is sensed during power-up
only and not during normal operation. The amplified voltage is
summed with the slope compensation ramp voltage and fed
into the PWM controller for a stable regulation voltage.
The voltage range of the internal node, VCS, is between 0.4 V
and 2.2 V. Select the current sense gain such that the internal
minimum amplified voltage (VCSMIN) is above 0.4 V and the
maximum amplified voltage (VCSMAX) is 2.1 V. Note that VCSMIN
or VCSMAX is not the same as VCOMP, which has a range of 0.85 V
to 2.3 V. Make sure that the maximum VCOMP (VCOMPMAX) does
not exceed 2.2 V to account for temperature and device to
device variations. The following are equations for VCSMIN,
VCSMAX, and VCOMPMAX:
CS
MIN
DSON
LPP
CSMIN
A
R
I
V
×
×
−
=
_
2
1
V
75
.
0
CS
MAX
DSON
LPP
LOADMAX
CSMAX
A
R
I
I
V
×
×
+
+
=
_
)
2
1
(
V
75
.
0
(
)
CSMAX
RAMP
ON
IN
COMPMAX
V
R
t
V
V
+
×
−
=
pF
25
V
2
.
0
where:
VCSMIN is the minimum amplified voltage of the internal current
sense amplifier at zero output current.
VCSMAX is the maximum amplified voltage of the internal current
sense amplifier at maximum output current.
RDSON_MIN is the the low-side MOSFET minimum on resistance.
ILPP is the peak-to-peak ripple current in the inductor.
ILOADMAX is the maximum output dc load current.
VCOMPMAX is the maximum voltage at the COMP pin.
ACS is the current sense gain of either 3 V/V, 6 V/V, 12 V/V, or
24 V/V set by the gain resistor between DLx and PGNDx.
25 pF is an internal parameter.
tON is on time for the high-side driver (DH).
INPUT CAPACITOR SELECTION
The input current to a buck converter is a pulse waveform. It is
zero when the high-side switch is off and approximately equal
to the load current when it is on. The input capacitor carries the
input ripple current, allowing the input power source to supply
only the direct current. The input capacitor needs a sufficient
ripple current rating to handle the input ripple, as well as an
equivalent series resistance (ESR) that is low enough to mitigate
input voltage ripple. For the usual current ranges for these con-
verters, it is good practice to use two parallel capacitors placed
close to the drains of the high-side switch MOSFETs (one bulk
capacitor of sufficiently high current rating and a 10 μF ceramic
decoupling capacitor, typically).
VIN
ADP1876
DHx
SWx
ILIMx
DLx
RILIM
RSENSE
PGNDx
VIN
ADP1876
DHx
SWx
ILIMx
DLx
RILIM
RCSG
RAMP
RRAMP
PGNDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com