Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 controller, and drive it low to turn it off. Tie EN1
to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to AGND and
tie the midpoint to this pin.
2
VIN
Connect to Main Power Supply. Bypass with a 1 μF or larger ceramic capacitor connected as close to this pin as
possible and PGNDx.
3
VINLDO
Input for Independent Linear Dropout (LDO) Regulator.
4
VOUTLDO
Output for Independent LDO Regulator.
5
VCCO
Output of the Internal LDO. The internal circuitry and gate drivers are powered from VCCO. Bypass VCCO to AGND
with a 1 μF or larger ceramic capacitor. The VCCO output is always active, even during fault conditions, and it
cannot be turned off even when EN1 or EN2 is low. For operation at VIN below 5 V, VIN can be jumped to VCCO. Do
not use the VCCO to power any other auxiliary system load.
6
VDL
Power Supply for the Low-Side Driver. Bypass VDL to PGNDx with a 1 μF ceramic capacitor. Connect VCCO to VDL.
7
AGND
Analog Ground.
8
NC
No connect. Do not connect to this pin.
9
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive it low to turn off. Tie EN2
to VIN for automatic startup. For a precision UVLO, put an appropriately sized resistor divider from VIN to AGND and
tie the midpoint to this pin.
10
FB2
Output Voltage Feedback for Channel 2.
11
COMP2
Compensation Node for Channel 2. Output of the Channel 2 error amplifier. Connect a series resistor/capacitor
network from COMP2 to AGND to compensate the regulation control loop.
12
RAMP2
Programmable Current Setting for Slope Compensation of Channel 2. Connect a resistor from RAMP2 to VIN. The
voltage at RAMP2 is 0.2 V during operation. This pin is high impedance when the channel is disabled.
13
SS2
Soft Start Input for Channel 2. Connect a capacitor from SS2 to AGND to set the soft start period. This node is
internally pulled up to 3.2 V through a 6.5 µA current source.
14
PGOOD2
Open-Drain Power-Good Indicator Logic Output at PGOOD2. An internal 12 kΩ resistor is connected between
PGOOD2 and VCCO. PGOOD2 is pulled to ground when the Channel 2 output is outside the regulation window. An
external pull-up resistor is not required.
15
ILIM2
Current-Limit Sense Comparator Inverting Input for Channel 2. Connect a resistor between ILIM2 and SW2 to set
the current-limit offset. For accurate current-limit sensing, connect ILIM2 to a current sense resistor at the source of
the low-side MOSFET.
16
BST2
Boot Strapped Upper Rail of High-Side Internal Driver for Channel 2. Connect a 0.1 µF to 0.22 µF multilayer ceramic
capacitor (MLCC) between BST2 and SW2. There is an internal boost rectifier connected between VDL and BST2.
24 SW1
23 DH1
22 PGND1
21 DL1
20 DL2
19 PGND2
18 DH2
17 SW2
1
2
3
4
5
6
7
8
EN1
VIN
VINLDO
VOUTLDO
VCCO
VDL
AGND
NC
ADP1876
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE BOTTOM EXPOSED PAD OF THE
LFCSP PACKAGE TO SYSTEM AGND PLANE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com