Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 17 of 24
APPLICATIONS INFORMATION
INDEPENDENT LOW DROPOUT LINEAR
REGULATOR
The input voltage range to VINLDO of the independent LDO
regulator is 2.7 V to 5.5 V, and the output is fixed at 1.5 V with
a 150 mA maximum load current. The internal short-circuit
current limit is set to about 430 mA. Apply power to the VIN
pin to keep the LDO operating within specification. The LDO
is enabled when VINLDO exceeds the input undervoltage lockout
(UVLO) threshold. Safety features include short-circuit protection
and thermal overload shutdown.
SETTING THE OUTPUT VOLTAGE OF THE
CONTROLLER
The output voltage is set using a resistive voltage divider from
the output to FBx. The voltage divider divides down the output
voltage to the 0.6 V FBx regulation voltage to set the regulation
output voltage. The output voltage can be set to as low as 0.6 V
and as high as 90% of the power input voltage.
The maximum input bias current into FBx is 100 nA. For a 0.15%
degradation in regulation voltage, and with 100 nA bias current,
the low-side resistor, RBOT, must be less than 9 kΩ, which results
in 67 µA of divider current. For RBOT, use a 1 kΩ to 20 kΩ resistor.
A larger value resistor can be used but results in a reduction in
output voltage accuracy due to the input bias current at the FBx
pin, whereas lower values cause increased quiescent current
consumption. Choose RTOP to set the output voltage by using
the following equation:


−
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
where:
RTOP is the high-side voltage divider resistance.
RBOT is the low-side voltage divider resistance.
VOUT is the regulated output voltage.
VFB is the feedback regulation threshold, 0.6 V.
The minimum output voltage is dependent on fSW and minimum
DHx on time. The maximum output voltage is dependent on
fSW, the minimum DHx off time, the IR drop across the high-
side N-channel MOSFET, and the DCR of the inductor.
SOFT START
The soft start period is set by an external capacitor between SS1
or SS2 and AGND. The soft start function limits the input inrush
current and prevents output overshoot.
When EN1/EN2 is enabled, a current source of 6.5 µA starts
charging the capacitor, and the regulation voltage is reached when
the voltage at SS1/SS2 reaches 0.6 V.
The soft start period is approximated by the following equation:
SS
SS
C
t
A
5
.
6
V
6
.
0
µ
=
The SSx pin reaches a final voltage of 3.2 V. If the output voltage
is precharged prior to turn on, the ADP1876 prevents reverse
inductor current, which discharges the output capacitor. When
the voltage at SSx exceeds the regulation voltage (typically at
0.6 V), the reverse current is enabled to allow the output voltage
regulation to be independent of load current.
When a controller is disabled, for instance, EN1/EN2 is pulled
low or experiences an overcurrent limit condition, the soft start
capacitor is discharged through an internal 1 kΩ pull-down
resistor.
SETTING THE CURRENT LIMIT
The current-limit comparator measures the voltage across the
low-side MOSFET to determine the load current.
The current limit is set by an external current-limit resistor,
RILIM, between ILIMx and SWx. The current sense pin, ILIMx,
sources nominally 50 μA to this external resistor. This creates an
offset voltage of RILIM multiplied by 50 μA. When the drop
across the low-side MOSFET RDSON is equal to or greater than
this offset voltage, the ADP1876 flags a current-limit event.
Because the ILIMx current and the MOSFET RDSON vary over
process and temperature, set the minimum current limit to
ensure that the system can handle the maximum desired load
current. To do this, use the peak current in the inductor, which
is the desired output current-limit level, plus ½ of the ripple
current, the maximum RDSON of the MOSFET at its highest
expected temperature, and the minimum ILIM current. Keep in
mind that the temperature coefficient of the MOSFET RDSON is
typically 0.4%/°C.
μA
40
_ MAX
DSON
LPK
ILIM
R
I
R
×
=
where:
ILPK is the peak inductor current.
ACCURATE CURRENT-LIMIT SENSING
RDSON of the MOSFET can vary by more than 50% over the
temperature range. Accurate current-limit sensing is achieved
by adding a current sense resistor from the source of the low-
side MOSFET to PGNDx. Make sure that the power rating of the
current sense resistor is adequate for the application. Apply the
previous equation and calculate RILIM by replacing RDSON_MAX
with RSENSE. See Figure 28 for the implementation of this
accurate current-limit sensing scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com