Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1876ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
600 kHz Dual Output Synchronous Buck
PWM Controller with Linear Regulator
Data Sheet
ADP1876
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input range: 2.75 V to 20 V
Power stage input voltage: 1 V to 20 V
Output voltage range: 0.6 V up to 90% V
IN
Linear dropout (LDO) regulator with a fixed output
1.5 V at 150 mA
Output current more than 25 A per channel
180º phase shift between channels for reduced input
capacitance
±0.85% reference voltage accuracy from −40°C to +85°C
Integrated boost diodes
Independent channel precision enable
Overcurrent limit protection
Externally programmable soft start, slope compensation,
and current sense gain
Thermal overload protection
Input undervoltage lockout (UVLO)
Power good with internal pull-up resistor
Available in 32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
Consumer applications
Telecommunications base station and networking
Industrial and instrumentation
TYPICAL OPERATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP1876 is a dual output dc-to-dc synchronous buck
controller operating at 600 kHz fixed frequency with integrated
drivers that drive N-channel power MOSFETs. An additional
fixed voltage output, 150 mA linear regulator is available for
powering low power loads. The device operates in current
mode for improved transient response and uses valley current
sensing for enhanced noise immunity. The two PWM outputs
are phase shifted 180° for reducing the input current ripple and
the required input capacitance.
The ADP1876 provides high speed, high peak current drive
capability with dead time optimization to enable energy
efficient power conversion.
RAMP1
RRAMP1
VIN
DH1
BST1
SW1
ILIM1
FB1
DL1
PGND1
RAMP2
DH2
BST2
SW2
ILIM2
FB2
DL2
PGND2
EN1
EN2
VDL
VCCO
TRK1
1.5V
VINLDO
VOUTLDO
NC
COMP1
COMP2
SS1
SS2
AGND
RCSG1
R11
R12
R21
R22
M1
M2
RCSG2
M3
L2
L1
VOUT1
VOUT2
VIN
VIN
M4
RRAMP2
PGOOD1
3V to 5V INPUT
PGOOD2
ADP1876


Similar Part No. - ADP1876ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-0.3-EVALZ AD-ADP1870-0.3-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Cirrus Logic
ADP1870-0.3-EVALZ APEX-ADP1870-0.3-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1870-0.6-EVALZ AD-ADP1870-0.6-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1870-1.0-EVALZ AD-ADP1870-1.0-EVALZ Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
More results

Similar Description - ADP1876ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_14 Datasheet
455Kb / 24P
MCP19035 600 kHz High-Voltage Synchronous Buck Controller Reference Design
03/25/14
logo
International Rectifier
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Linear Technology
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
Dual Phase/Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
High Current, Dual Output Synchronous Buck Converter
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com