Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 19 of 24
Select an input bulk capacitor based on its ripple current rating.
First, determine the duty cycle of the output.
IN
OUT
V
V
D =
The input capacitor rms ripple current is given by
)
1
(
D
D
I
I
O
RMS
−
=
where:
IO is the output current.
D is the duty cycle.
The minimum input capacitance required for a particular load is
SW
ESR
O
PP
O
MIN
IN
f
R
D
I
V
D
D
I
C
)
(
)
1
(
,
×
×
−
−
×
=
where:
VPP is the desired input ripple voltage.
RESR is the equivalent series resistance of the capacitor.
If an MLCC capacitor is used, the ESR is near 0, then the
equation is simplified to
SW
PP
O
MIN
IN
f
V
D
D
I
C
×
−
×
=
)
1
(
,
The capacitance of MLCC is voltage dependent. The actual
capacitance of the selected capacitor must be derated according to
the manufacturer’s specification. In addition, add more bulk
capacitance, such as by using electrolytic or polymer capacitors,
as necessary for large step load transients. Make sure the
current ripple rating of the bulk capacitor exceeds the
maximum input current ripple of a particular design.
INPUT FILTER
Normally a 0.1 µF (or greater value) bypass capacitor from the
input pin (VIN) to AGND is sufficient for filtering any unwanted
switching noise. However, depending on the printed circuit
board (PCB) layout, some switching noise can enter the ADP1876
internal circuitry; therefore, it is recommended to have a low-
pass filter at the VIN pin. Connecting a resistor, between 2 Ω
and 5 Ω, in series with VIN and a 1 µF ceramic capacitor
between VIN and AGND creates a low-pass filter that effectively
filters out any unwanted glitches caused by the switching regulator.
Note that the input current can be larger than 100 mA when
driving large MOSFETs. A 100 mA current across a 5 Ω resistor
creates a 0.5 V drop, which is the same voltage drop in VCCO.
In this case, a lower resistor value is desirable.
Figure 30. Input Filter Configuration
BOOST CAPACITOR SELECTION
To lower system component count and cost, the ADP1876 has
an integrated rectifier (equivalent to the boost diode) between
VCCO and BSTx. Choose a boost ceramic capacitor with a
value between 0.1 µF and 0.22 µF; this capacitor provides the
current for the high-side driver during switching.
INDUCTOR SELECTION
The output LC filter smoothes the switched voltage at SWx.
For most applications, choose an inductor value such that
the inductor ripple current is between 20% and 40% of the
maximum dc output load current. Generally, a larger inductor
current ripple generates more power loss in the inductor and
larger voltage ripples at the output. Check the inductor data
sheet to make sure that the saturation current of the inductor
is well above the peak inductor current of a particular design.
Choose the inductor value by using the following equation:
IN
OUT
L
SW
OUT
IN
V
V
I
f
V
V
L
×
∆
×
−
=
where:
L is the inductor value.
fSW is the switching frequency.
VOUT is the output voltage.
VIN is the input voltage.
∆I
L is the inductor ripple current.
OUTPUT CAPACITOR SELECTION
Choose the output bulk capacitor to set the desired output voltage
ripple. The impedance of the output capacitor at the switching
frequency multiplied by the ripple current gives the output voltage
ripple. The impedance comprises the capacitive impedance plus
the nonideal parasitic characteristics, the equivalent series resis-
tance (ESR), and the equivalent series inductance (ESL). The
output voltage ripple can be approximated by
×
+
×
+
∆
≅
∆
ESL
SW
OUT
SW
ESR
L
OUT
L
f
C
f
R
I
V
4
8
1
where:
∆V
OUT is the output ripple voltage.
∆I
L is the inductor ripple current.
RESR is the equivalent series resistance of the output capacitor (or
the parallel combination of ESR of all output capacitors).
LESL is the equivalent series inductance of the output capacitor
(or the parallel combination of ESL of all capacitors).
Solving COUT in the previous equation yields
ESL
SW
L
ESR
L
OUT
SW
L
OUT
L
f
I
R
I
V
f
I
C
×
∆
−
∆
−
∆
×
∆
≅
4
1
8
ADP1876
VIN
VIN
AGND
2Ω TO 5Ω
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com