Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1876ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1876ACPZ-R7
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1876ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1876ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 11 of 24
Figure 10. Enable Startup Function
Figure 11. Thermal Shutdown Waveform
Figure 12. Change in fSW vs. VIN
Figure 13. fSW vs. Temperature
Figure 14. Typical DHx Minimum On Time and Off Time
Figure 15. DHx Minimum On Time and Off Time Over Temperature
CH3 1V
CH2 2V
CH1 10V
CH4 1V
M10ms
A CH2
1.52V
CSS = 100nF
VOUT (CH3)
SS (CH4)
EN
SW
1
2
3
4
CH1 10.0V BW
CH3 2.00V BW
M10.0ms
A CH4
800mV
4
2
1
CH2 2.00V BW
CH4 1.00V BW
SW1
VOUT1 (PRELOADED)
VOUTLDO
VCCO
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
VIN (V)
600kHz
REFERENCE AT VIN = 2.75V
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 12V; REFERENCED AT 25°C
50
100
150
200
250
300
350
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
VIN (V)
DHx MINIMUM OFF TIME
DHx MINIMUM ON TIME
–4
–3
–2
–1
0
1
2
3
4
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
DHx MINIMUM ON TIME
DHx MINIMUM OFF TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com