Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 14Page - Texas Instruments TNETA1570 Datasheet HTML 15Page - Texas Instruments TNETA1570 Datasheet HTML 16Page - Texas Instruments TNETA1570 Datasheet HTML 17Page - Texas Instruments TNETA1570 Datasheet HTML 18Page - Texas Instruments TNETA1570 Datasheet HTML 19Page - Texas Instruments TNETA1570 Datasheet HTML 20Page - Texas Instruments TNETA1570 Datasheet HTML 21Page - Texas Instruments TNETA1570 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
operating characteristics (see Figure 9)
NO.
MIN†
MAX†
UNIT
1
tw(CMWEL)
Pulse duration, CMWE low
28
31
ns
2
td(CMWE)1
Delay time, CMAD17 − CMAD0 valid to CMWE
↓
12
15
ns
3
td(CMWE)2
Delay time, CMDATA31 − CMDATA0 valid to CMWE
↑
10
14
ns
4
td(CMDATA)
Delay time, CMWE
↑ to CMDATA31−CMDATA0 invalid
15
19
ns
† These values are for full-duplex operation at 33 MHz.
CMOE
(output)
CMAD17 −
CMAD0
(output)
2
CMDATA31 −
CMDATA0
(output)
1
4
Valid
Valid
Invalid
CMWE
(output)
3
Figure 9. Control-Memory-Interface Write Operation
timing requirements (see Figure 10)
NO.
MIN†
MAX
UNIT
1
tsu(CMDATA)
Setup time, CMDATA31 − CMDATA0 valid before CMOE
↑
10
ns
2
th(CMDATA)
Hold time, CMDATA31 − CMDATA0 valid after CMOE
↑
0
ns
† These values are for full-duplex operation at 33 MHz.
operating characteristics (see Figure 10)
NO.
MIN
MAX
UNIT
3
td(CMOE)
Delay time, CMAD17 − CMAD0 valid to CMOE
↓
3
ns
CMWE
(output)
CMAD17−
CMAD0
(output)
3
CMDATA31−
CMDATA0
(input)
Valid
Valid
CMOE
(output)
1
2
Figure 10. Control-Memory-Interface Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com