Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 54 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 50Page - Texas Instruments TNETA1570 Datasheet HTML 51Page - Texas Instruments TNETA1570 Datasheet HTML 52Page - Texas Instruments TNETA1570 Datasheet HTML 53Page - Texas Instruments TNETA1570 Datasheet HTML 54Page - Texas Instruments TNETA1570 Datasheet HTML 55Page - Texas Instruments TNETA1570 Datasheet HTML 56Page - Texas Instruments TNETA1570 Datasheet HTML 57Page - Texas Instruments TNETA1570 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
base-address registers
The base-address registers enable the host to map the device’s address space into the host-memory or
I/O-address space. The TNETA1570 only uses the base-address 0 register from the configuration block. This
register is not cleared on software reset. A description of the individual bits in the base-address 0 register
follows:
BIT
NAME
FUNCTION
RESET
VALUE
0
Memory-space
indicator
This bit indicates whether the base address maps into the host’s memory or I/O space. This bit
is hardwired to 0 in the TNETA1570 indicating that this base address is valid only for memory
accesses. Due to the large amount amount of space required by the device, mapping into the
I/O space is not supported.
0
1− 2
Type
These bits indicate the size of the base address and how it can be mapped into the host memory.
These bits are hardwired to 00 in the TNETA1570 indicating that a 32-bit base-address register
is used, which can be located anywhere in memory.
00
3
Prefetchable
This bit is hardwired to 0 in the TNETA1570.
4− 19
Internally used
address bits
These bits are hardwired to all zeroes to define the size of the address space needed by the
TNETA1570, which contains 1-M locations. The system-setup software can determine the
address space needed by a PCI device by writing all ones to the base-address register, reading
the written value back, and noting which bits were cleared.
All 0s
20 − 31
Available address bits
These bits are writable by the host to allow initialization of the base address at startup.
All 0s
latency, grant, and interrupt registers
REGISTER
DESCRIPTION
HARDWIRED
VALUE
MAX_LAT
This specifies how often the device needs to gain access to the PCI bus in 0.25-
ms units. The typical
value of .5
ms (02h) is hardwired for the TNETA1570.
02h
MIN_GNT
This specifies the length of the burst period the device needs in 0.25-
ms units. The typical value of
0.25-
ms (01h) is hardwired for the TNETA1570.
01h
Interrupt line
The value in this 8-bit register is written by the host and indicates to which input of the system-interrupt
controller the TNETA1570 interrupt signal is connected. This register is not cleared on software reset.
00h
Interrupt signal
This register indicates which interrupt signal the device uses. This register is hardwired to a 01h in
the TNETA1570 to indicate that interrupt A is used.
01h
error and interrupt signals
parity-error (PPERR) protocol
If the TNETA1570 is mastering the bus, the data-parity-reported bit (bit 15) in the PCI configuration-space status
register is set under either of the following conditions:
D If it detects a parity error during the data phase of a read transaction
D If it detects that PPERR has been asserted by the target during the data phase of a write transaction
The data-parity-detected bit (bit 8) in the PCI-configuration-space status register is set under any of the following
conditions:
D If is is acting as the PCI-bus master and it detects a data-parity error during a read transaction
D If it is acting as a PCI-bus target and it detects a data-parity error during a write transaction
D If it detects an address-parity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com