Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 40 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 36Page - Texas Instruments TNETA1570 Datasheet HTML 37Page - Texas Instruments TNETA1570 Datasheet HTML 38Page - Texas Instruments TNETA1570 Datasheet HTML 39Page - Texas Instruments TNETA1570 Datasheet HTML 40Page - Texas Instruments TNETA1570 Datasheet HTML 41Page - Texas Instruments TNETA1570 Datasheet HTML 42Page - Texas Instruments TNETA1570 Datasheet HTML 43Page - Texas Instruments TNETA1570 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
RX-free buffer-ring pointer (bits 31 −2)
This field holds the 30 most significant bits of the base address of the RX free-buffer rings in host memory. The
two least significant bits are always assumed to be zero. This field is initialized by the host.
word 1
Buffer Size (bits 31 − 16)
Ring Size (bits 15 − 10)
Current Index (bits 9 − 0)
buffer size (bits 31−16)
This field gives the size of the buffers associated with this free-buffer ring in number of ATM cells. This field is
set by the host at initialization.
ring size (bits 15 −10)
This field is set by the host at initialization and gives the number of entries in the free-buffer ring in multiples of
16. The maximum number of entries in a free-buffer ring is 1024. The actual value for the ring size can be found
by shifting the value in the ring-size field left four places and filling the lower four bits with 1s. Shifting
000 00 111 left four places gives a value of 000 00 111111. For example, a value of 000 0011 indicates that the
ring contains 64 entries (3 x 16 +15 = 63 +1 = 64) (the last 1 is needed to account for the zero entry).
The value for the ring-size field is found by: [(ring_size/16) − 1]. For a ring size of 16, the value of the ring-size
field in word 1 is 0.
current index (bits 9 −0)
This field is set to all zeroes by the host at initialization and contains the entry in the currently active free-buffer
ring. This field is updated after it is read by the TNETA1570 and the new value written back to control memory.
When the value in the current index exceeds the ring-size value, indicating that the end of the ring has been
reached, the current index is reset to all zeroes.
receive free-buffer ring/receive free-buffer FIFO
receive free-buffer ring
Addressing
The value in the free-buffer ring-pointer table is used to form the address.
Size
Max logical entries: 1024
Min logical entries: 16
32-bit words: 1024
Max number of rings supported: 256
Min number of rings supported: 0 (only use free-buffer FIFO)
receive free-buffer FIFO
Addressing
The value in the RX DMA state table is used to form the address.
Size
Logical entries: 1
The TNETA1570 is able to fetch receive free buffers by using one of two possible methods. The first method
uses multiple free-buffer rings, up to a maximum of 256. The free-buffer ring pointers are maintained in control
memory. The number of entries in the free-buffer rings is programmable. Each entry in the RX DMA state-table
contains a pointer to the free-buffer ring associated with that particular RX DMA state-table entry. When the
TNETA1570 accesses the free-buffer ring entry, it reads the address of an available receive free buffer. The size
of the receive free buffer is contained in the receive free-buffer ring-pointer-table entry in control memory.
The second method uses a FIFO-based mechanism. Each entry in the RX DMA state table contains an address
pointer to a FIFO located in the host-memory space. When the TNETA1570 reads the contents of the FIFO
located at the given address, the starting address of an available buffer is returned. For the FIFO-based
mechanism, the size of the receive free buffer is programmed through an internal register. All buffers used with
this mechanism must be the same size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com