Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 8Page - Texas Instruments TNETA1570 Datasheet HTML 9Page - Texas Instruments TNETA1570 Datasheet HTML 10Page - Texas Instruments TNETA1570 Datasheet HTML 11Page - Texas Instruments TNETA1570 Datasheet HTML 12Page - Texas Instruments TNETA1570 Datasheet HTML 13Page - Texas Instruments TNETA1570 Datasheet HTML 14Page - Texas Instruments TNETA1570 Datasheet HTML 15Page - Texas Instruments TNETA1570 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements (see Note 6 and Figure 3)
NO.
MIN
MAX
UNIT
1
tw(RESCLKH)
Pulse duration, RESCLK high
10
ns
2
tw(RESCLKL)
Pulse duration, RESCLK low
10
ns
3
tsu(RESEN)
Setup time, RESEN high before RESCLK
↑
10
ns
4
tsu(RESSOC)
Setup time, RESSOC high before RESCLK
↑
10
ns
5
tsu(RESDATA)
Setup time, RESDATA7 − RESDATA0 valid before RESCLK
↑
10
ns
6
tsu(RESPAR)
Setup time, RESPAR valid before RESCLK
↑
10
ns
7
th(RESEN)
Hold time, RESEN high after RESCLK
↑
1
ns
8
th(RESSOC)
Hold time, RESSOC high after RESCLK
↑
1
ns
9
th(RESDATA)
Hold time, RESDATA7 − RESDATA0 valid after RESCLK
↑
1
ns
10
th(RESPAR)
Hold time, RESPAR valid after RESCLK
↑
1
ns
NOTE 6: All output signals are generated on the rising edge of RESCLK. All input signals are sampled on the rising edge of RESCLK.
operating characteristics (see Note 6 and Figure 3)
NO.
MIN
MAX
UNIT
11
td(RESCLAV)
Delay time, RESCLK
↑ to RESCLAV↓
1
20
ns
12
td(RESPERR)1
Delay time, RESCLK
↑ to RESPERR↓
1
20
ns
13
td(RESPERR)2
Delay time, RESCLK
↑ to RESPERR↑
1
20
ns
NOTE 6: All output signals are generated on the rising edge of RESCLK. All input signals are sampled on the rising edge of RESCLK.
RESDATA7−
RESDATA0
(input)
RESEN
(input)
RESCLK
(input)
1
2
RESSOC
(input)
7
3
RESCLAV
(output)
Byte 1
Byte 2
Byte 3
Byte 49
Input
Ignored
Byte 50
Byte 48
Byte 51
11
If necessary
4
8
5
9
RESPAR
(input)
12
6
10
13
No Parity Error
RESPERR
(output)
Parity
Error
Figure 3. Reassembly-Cell Interface (PHY/ATM High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com