Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 7Page - Texas Instruments TNETA1570 Datasheet HTML 8Page - Texas Instruments TNETA1570 Datasheet HTML 9Page - Texas Instruments TNETA1570 Datasheet HTML 10Page - Texas Instruments TNETA1570 Datasheet HTML 11Page - Texas Instruments TNETA1570 Datasheet HTML 12Page - Texas Instruments TNETA1570 Datasheet HTML 13Page - Texas Instruments TNETA1570 Datasheet HTML 14Page - Texas Instruments TNETA1570 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements (see Note 5 and Figure 2)
NO.
MIN
MAX
UNIT
1
tw(SEGCLKH)
Pulse duration, SEGCLK high
12
ns
2
tw(SEGCLKL)
Pulse duration, SEGCLK low
12
ns
3
tsu(SEGEN)
Setup time, SEGEN low before SEGCLK
↑
10
ns
4
th(SEGEN)
Hold time, SEGEN low after SEGCLK
↑
1
ns
NOTE 5: All output signals are generated on the rising edge of SEGCLK. All inputs are sampled on the rising edge of SEGCLK.
operating characteristics (see Note 5 and Figure 2)
NO.
MIN
MAX
UNIT
5
td(SEGCLAV)
Delay time, SEGCLK
↑ to SEGCLAV↓
1
20
ns
6
td(SEGSOC)
Delay time, SEGCLK
↑ to SEGSOC↑
1
20
ns
7
td(SEGDATA)
Delay time, SEGCLK
↑ to SEGDATA7−SEGDATA0 valid
1
20
ns
8
td(SEGPAR)
Delay time, SEGCLK
↑ to SEGPAR valid
1
20
ns
NOTE 5: All output signals are generated on the rising edge of SEGCLK. All inputs are sampled on the rising edge of SEGCLK.
SEGDATA7 −
SEGDATA0
(output)
SEGCLAV
(output)
SEGCLK
(input)
1
2
SEGSOC
(output)
6
7
SEGEN
(input)
Byte 1
Byte 2
Byte 3
Byte 49
Input
Ignored
Byte 50
Byte 48
Byte 51
4
5
3
SEGPAR
(output)
8
Figure 2. Segmentation-Cell Interface (PHY/ATM Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com