Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 54Page - Texas Instruments TNETA1570 Datasheet HTML 55Page - Texas Instruments TNETA1570 Datasheet HTML 56Page - Texas Instruments TNETA1570 Datasheet HTML 57Page - Texas Instruments TNETA1570 Datasheet HTML 58Page - Texas Instruments TNETA1570 Datasheet HTML 59Page - Texas Instruments TNETA1570 Datasheet HTML 60Page - Texas Instruments TNETA1570 Datasheet HTML 61Page - Texas Instruments TNETA1570 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
64-bit PCI cell-payload writes
The following table shows the PCI-bus byte/address ordering when cell-payload bytes are input to the
reassembly UTOPIA port in the order 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, . . .
The top-down order of the following chart represents the time order of 64-bit word writes by the TNETA1570.
PCI ADDRESS
PCI ADDRESS BITS
63
56
55
48
47
40
39
32
31
24
23
16
15
8
7
0
0
×10
4
5
6
7
0
1
2
3
0
×18
12
13
14
15
8
9
10
11
0
×20
20
21
22
23
16
17
18
19
TNETA1570 accesses to control structures in host memory
The PCI accesses in the big-endian configuration section apply to cell-payload transfers when segmenting or
reassembling packets. All other host-memory accesses by the TNETA1570 are to entities which are defined
as control structures. These control structures are the transmit-buffer descriptors, packet-segmentation rings,
transmit-completion rings, receive-buffer descriptors, receive free-buffer rings/FIFO, and receive-completion
rings.
Accesses to control structures by the TNETA1570 are 32 bit only. Big- or little-endian configuration does not
affect control structures since the information contained in each 32-bit word of a control structure is bit defined
in this document.
access to control memory via the PCI interface
The control memory is accessed via the PCI interface in full 32-bit words. Byte enable is not supported. All four
bytes in a 32-bit-word in the control memory are read or written to in a single instruction. If none of the byte
enables are asserted for a write instruction, none of the data in the 32-bit word is altered. If any byte enable is
asserted, the entire 32-bit word is overwritten.
internal registers and counters
The TNETA1570 has several internal registers for storing configuration and status information, as well as
keeping track of certain statistics. The following internal registers have been previously defined for the
TNETA1570 device:
DESCRIPTION
Bits 31 − 16
Bits 15 − 0
Offset Address
From PCI-Base
Address for
TNETA1570 Reserved
Area (= 3200 hex)
Configuration Register
0000h
Status Register
0004h
Interrupt-Mask Register
0008h
Reassembly-Global-Timer Register
RAT Cycle-Counter Register
000C
RX Unknown Register
0010h
TX Completion Ring Without Interrupt-Size Register
TX Completion Ring With Interrupt-Size Register
0014h
RX Completion Ring Without Interrupt-Size Register
RX Completion Ring With Interrupt-Size Register
0018h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com