Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 4 Page - Texas Instruments

  TNETA1570 Datasheet HTML 1Page - Texas Instruments TNETA1570 Datasheet HTML 2Page - Texas Instruments TNETA1570 Datasheet HTML 3Page - Texas Instruments TNETA1570 Datasheet HTML 4Page - Texas Instruments TNETA1570 Datasheet HTML 5Page - Texas Instruments TNETA1570 Datasheet HTML 6Page - Texas Instruments TNETA1570 Datasheet HTML 7Page - Texas Instruments TNETA1570 Datasheet HTML 8Page - Texas Instruments TNETA1570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
PCI-bus interface (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PIDSEL
131
I
PCI initialization and device select. PIDSEL is used as a chip select during configuration read
and write transactions.
PINTA
112
O
(open
drain)
PCI interrupt. PINTA is an interrupt request from PCI SAR.
PIRDY
147
I/O
(3 state)
PCI initiator ready. PIRDY indicates the initiating agent’s (bus master) ability to complete the
current data phase of the transaction. During a write, PIRDY indicates valid data on
PAD31 − PAD0. During a read, PIRDY indicates the master is prepared to accept the data.
PIRDY is used with PTRDY when wait cycles are inserted until both are asserted.
PPAR
155
I/O
PCI parity. PPAR is even parity across PAD31 − PAD0 and PCBE3 − PCBE0. For data phases,
PPAR is valid one clock after either PIRDY is asserted on a write or PTRDY is asserted on a read.
Once asserted, PPAR remains valid until one clock after the completion of the current data
PPAR
155
I/O
(3 state)
Once asserted, PPAR remains valid until one clock after the completion of the current data
phase. The master drives the PPAR for address- and write-data phases, and the target drives
PPAR for the read-data phase.
PPAR64
190
I/O
(3 state)
PCI parity. PPAR64 is even parity across AD63 − AD32 and CBE7 − CBE4. For data phases,
PPAR64 is valid one clock after either PIRDY is asserted on a write or PTRDY is asserted on
a read. Once asserted, PPAR64 remains valid until one clock after the completion of the current
data phase. The master drives the PPAR 64 for address and write-data phase, and the target
drives the PPAR for read-data phases.
PPERR
152
I/O
(3 state)
PCI parity error. PPERR reports a data-parity error on all commands except special cycle. An
agent cannot report a PPERR until it has claimed the access by PDEVSEL and completed a data
phase.
PREQ
118
O
PCI request. PREQ indicates to the arbiter that this agent desires use of the bus. Every master
has its own PREQ.
PREQ64
183
I/O
(3 state)
PCI request 64-bit transfer. PREQ64 is driven by the current master indicating the desire for a
64-bit access. When initiating a 64-bit transaction, the assertion of PREQ64 is coincident with
the assertion of PFRAME. If a 64-bit access is not acknowledged by PFRAME, the access
defaults to 32 bit. The transfer type (32 or 64 bit) is dynamically negotiated for each transaction
and remains constant for the length of the transaction.
PRST
113
I
PCI reset. PRST forces the PCI sequence of each device to a known state.
PSB1 − PSB0
110 − 111
O
PCI sideband. PSB1 − PSB0 lines define the size of the transfer when the TNETA1570 is the bus
master. The definitions of these signals are as follows:
00: 4-byte transfer
01: 16-byte transfer (except for receive-completion ring)
10: Payload transfer
11: Transfer to receive-completion ring (16-byte transfer)
PSB1 − PSB0 are synchronous to the address phase of the bus-master operations by the
TNETA1570. The sideband signals do not change upon a bus retry after disconnect.
PSERR
154
I/O
(open
drain)
PCI system error. PSERR reports address-parity errors and data-parity errors on special-cycle
commands.
PSTOP
150
I/O
(3 state)
PCI stop. PSTOP indicates that the current target is requesting the master to stop the current
transaction.
PTRDY
148
I/O
(3 state)
PCI target ready. PTRDY indicates the target agent’s (selected device) ability to complete the
current data phase of the transaction. During a read, PTRDY indicates that valid data is present
on PAD31 −PAD 0. During a write, PTRDY indicates that the target is prepared to accept data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com