Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 10Page - Texas Instruments TNETA1570 Datasheet HTML 11Page - Texas Instruments TNETA1570 Datasheet HTML 12Page - Texas Instruments TNETA1570 Datasheet HTML 13Page - Texas Instruments TNETA1570 Datasheet HTML 14Page - Texas Instruments TNETA1570 Datasheet HTML 15Page - Texas Instruments TNETA1570 Datasheet HTML 16Page - Texas Instruments TNETA1570 Datasheet HTML 17Page - Texas Instruments TNETA1570 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements (see Figure 5)
NO.
MIN
MAX
UNIT
1
tsu(PGNT)
Setup time, PGNT low before PCLK
↑
10
ns
2
tsu(PTRDY)
Setup time, PTRDY low before PCLK
↑
7
ns
3
tsu(PDEVSEL)
Setup time, PDEVSEL low before PCLK
↑
7
ns
4
th(PTRDY)
Hold time, PTRDY low after PCLK
↑
2
ns
5
th(PDEVSEL)
Hold time, PDEVSEL low after PCLK
↑
2
ns
operating characteristics (see Figure 5)
NO.
MIN
MAX
UNIT
6
td(PREQ)
Delay time, PCLK
↑ to PREQ↓
2
12
ns
7
td(PFRAME)
Delay time, PCLK
↑ to PFRAME↓
2
11
ns
8
td(PCBE)
Delay time, PCLK
↑ to PCBE valid
2
11
ns
9
td(PIRDY)
Delay time, PCLK
↑ to PIRDY↓
2
11
ns
10
td(PAD)
Delay time, PCLK
↑ to PAD31−PAD0 valid
2
11
ns
11
td(PSB)
Delay time, PCLK
↑ to PSB1−PSB0 valid
2
11
ns
PCLK
(input)
PREQ
(output)
PGNT
(input)
PAD31 −
PAD 0
(output)
PFRAME
(output)
PCBE3 −
PCBE0
(output)
PIRDY
(output)
PTRDY
(input)
PDEVSEL
(input)
6
1
10
7
8
9
2
3
Address
Bus Command
Data 1
Data 2
Data 4
BE No. S-1
BE No. S-2
BE No. S-3
Data 3
BE No. S-4
4
5
Data Phase
Address Phase
11
PSB1−
PSB0
(output)
Figure 5. TNETA1570 Write Operation (PCI SAR as Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com