Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 52 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TNETA1570 Datasheet HTML 48Page - Texas Instruments TNETA1570 Datasheet HTML 49Page - Texas Instruments TNETA1570 Datasheet HTML 50Page - Texas Instruments TNETA1570 Datasheet HTML 51Page - Texas Instruments TNETA1570 Datasheet HTML 52Page - Texas Instruments TNETA1570 Datasheet HTML 53Page - Texas Instruments TNETA1570 Datasheet HTML 54Page - Texas Instruments TNETA1570 Datasheet HTML 55Page - Texas Instruments TNETA1570 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
device command and status registers
The system software accesses the status and command registers for error recovery, diagnostic, and control
purposes. The command register is provided to enable coarse control over a device’s ability to generate and
respond to PCI cycles. The command register bits are defined in the following table.
BIT
NAME
I/O FUNCTION
RESET
VALUE
0
I/O Space
This bit enables the device to respond to I/O accesses within its address space. The TNETA1570
does not support I/O mapped accesses; therefore, this bit is hardwired to a 0.
0
1
Memory space
This bit enables the device to respond to memory accesses within its address space. If this bit
is cleared, the TNETA1570 does not respond to memory-mapped accesses.
0
2
Bus master
This bit enables the device to act as a PCI-bus master. If this bit is cleared, the device does not
act as a master on the PCI bus.
0
3
Special cycles
This bit controls the device’s response to special-cycle commands. If this bit Is cleared, the
device ignores all special-cycle commands. If this bit is set to 1, the device can monitor
special-cycle commands.
0
4
Memory write and
invalidate enable
This bit enables the device to use the memory-write and invalidate command. The TNETA1570
does not support the memory-write and invalidate command as a master; therefore, this bit is
hardwired to a 0.
0
5
VGA-palette snoop
This bit is not applicable for the TNETA1570 and is hardwired to a 0.
0
6
Parity-error response
This bit controls whether the device responds to detected parity errors. If this bit is set, the
TNETA1570 responds normally to parity errors. If this bit is cleared, the TNETA1570 ignores
detected parity errors.
0
7
Wait-cycle control
This bit indicates whether the device performs address stepping. The TNETA1570 does not
require address stepping; therefore, this bit is hardwired to 0.
0
8
SERR enable
This bit is an enable for the output driver on SERR. If this bit is cleared and a system-error
condition is set inside the TNETA1570, the error signal does not appear on the external SERR
signal.
0
9
Fast back-to-back
enable
This bit controls whether the device is allowed to perform back-to-back writes to different targets.
The TNETA1570 does not perform fast back-to-back transactions; therefore, this bit is hardwired
to a 0.
0
10 − 15
Reserved
Always return 0
All 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com