Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 1 Page - Texas Instruments

  TNETA1570 Datasheet HTML 1Page - Texas Instruments TNETA1570 Datasheet HTML 2Page - Texas Instruments TNETA1570 Datasheet HTML 3Page - Texas Instruments TNETA1570 Datasheet HTML 4Page - Texas Instruments TNETA1570 Datasheet HTML 5Page - Texas Instruments TNETA1570 Datasheet HTML 6Page - Texas Instruments TNETA1570 Datasheet HTML 7Page - Texas Instruments TNETA1570 Datasheet HTML 8Page - Texas Instruments TNETA1570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Single-Chip Segmentation and Reassembly
Device (SAR) for Full-Duplex
ATM-Adaptation-Layer (AAL) Processing
D Integrated 64-Bit Peripheral-Component
Interface for Transferring Data and Control
Information for Packet Segmentation and
Packet Reassembly
D Provides Complete Encapsulation and
Termination of AAL5 Packets
D Supports Both Transmit and Receive Buffer
Chaining (Buffer Scatter/Gather)
D Provides for Early Segmentation of a
Transmit Packet by Beginning the
Segmentation Process Once a Transmit
Buffer Is Available Instead of Waiting for
the Entire Packet to Be Buffered
D Provides Full VPI/VCI Support and Allows
for the Simultaneous Segmentation of
1023 Packets and the Simultaneous
Reassembly of 30720 Packets
D Byte-Wide Cell Interface Is Full Duplex and
Compliant to the ATM-Forum UTOPIA
Document
D Cell Interface Can Be Programmed to
Operate as Either a Physical (PHY)-Layer
Interface or as a ATM-Layer Interface
D Provides Reassembly Time-Out for an
Incoming Packet
D Provides a High-Priority Mechanism for
Transmitting Constant-Bit-Rate Traffic
D Provides Support for Transparent/Null AAL
description
The TNETA1570 is an asynchronous transfer mode (ATM) segmentation and reassembly (SAR) device with
a 64-bit peripheral component interconnect (PCI)-bus interface. This device incorporates ATM adaptation-layer
(AAL)
processing,
ATM
SAR
processing
for
full-duplex
operation
up
to
STS-3c
rate
of
155.52 Mbit/s, and the controls for the register interface on the PHY layer. The device provides complete
encapsulation and termination of AAL5 packets in hardware.
The TNETA1570 supports high-speed networking applications utilizing ATM protocols as either a
backbone/backplane or desktop technology. Features include: high level of VPI/VCI support, high-priority
segmentation option for constant-bit-rate traffic, early buffer segmentation, buffer scatter/gather capability, and
32-/64-bit PCI-bus support.
The device contains an integrated 32-/64-bit PCI interface for transferring data and control information. The
segmentation and reassembly processes use host memory for storing packets that are transmitted or received.
No local-packet memory is required. The device is capable of segmenting up to 1023 packets simultaneously
and reassembling 30720 packets simultaneously. The device supports the full range of VPI/VCI values for both
transmit and receive operations.
The TNETA1570 also supports two methods of transporting a transparent/null AAL used for transferring
proprietary information. In addition, the device recognizes ATM-layer OAM cells and provides a mechanism for
handling these cells. The device contains a full-duplex, byte-wide cell interface compliant to the ATM-Forum
UTOPIA specification. The cell interface can be programmed to operate as either a PHY-layer interface or a
ATM-layer interface.
The integrated PCI-host interface operates as either a 32-bit or 64-bit interface for DMA operations. The device
operates as a 64-bit interface if the target device can accept 64-bit transfers; otherwise, it operates as a 32-bit
interface. The PCI-host interface provides both master and slave capability and operates at a frequency up to
33 MHz. The PCI-host interface is functionally compliant to the PCI-local-bus specification revision 2.0. The
TNETA1570 operation is explained in detail in the Principles of Operation section.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1996, Texas Instruments Incorporated


Similar Part No. - TNETA1570

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
TNETA1575PGC TI1-TNETA1575PGC Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
More results

Similar Description - TNETA1570

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73121 PMC-PM73121 Datasheet
2Mb / 223P
AAL1 Segmentation And Reassembly Processor
logo
Integrated Device Techn...
IDT77901C IDT-IDT77901C Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
IDT77911 IDT-IDT77911 Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
logo
Oxford Semiconductor
OX12PCI840 OXFORD-OX12PCI840 Datasheet
280Kb / 33P
Integrated Parallel Port and PCI interface
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
Integrated Quad UART and PCI interface
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
AAEON Technology
NIM-C13B AAEON-NIM-C13B Datasheet
165Kb / 1P
PCI-Express Host Interface
NIM-S13C AAEON-NIM-S13C Datasheet
168Kb / 1P
PCI-Express Host Interface
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
PCI-Express Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com