Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1570 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETA1570
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1570 Datasheet(HTML) 5 Page - Texas Instruments

  TNETA1570 Datasheet HTML 1Page - Texas Instruments TNETA1570 Datasheet HTML 2Page - Texas Instruments TNETA1570 Datasheet HTML 3Page - Texas Instruments TNETA1570 Datasheet HTML 4Page - Texas Instruments TNETA1570 Datasheet HTML 5Page - Texas Instruments TNETA1570 Datasheet HTML 6Page - Texas Instruments TNETA1570 Datasheet HTML 7Page - Texas Instruments TNETA1570 Datasheet HTML 8Page - Texas Instruments TNETA1570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
TNETA1570
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH INTEGRATED 64BIT PCIHOST INTERFACE
SDNS033B − JUNE 1995 − REVISED MAY 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
cell-segmentation interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
O
Segmentation cell available
SEGCLAV
98
O
(CMOS)
PHY mode
SEGCLAV (RXEMPTY/RXCLAV) indicates that a complete cell is available.
SEGCLAV
98
(CMOS)
ATM mode
SEGCLAV (TXENB) is active low when SEGDATA contains a valid byte.
Segmentation clock
SEGCLK
95
I
(TTL)
PHY mode
SEGCLK (RXCLK) is used to synchronize transfers on SEGDATA. SEGCLK is
sourced from the UTOPIA interface.
SEGCLK
95
(TTL)
ATM mode
SEGCLK (TXCLK) is used to synchronize transfers on SEGDATA. SEGCLK is
sourced from the ATMCLK.
Segmentation data
SEGDATA7 −
SEGDATA0
84 − 87,
89 − 92
O
(CMOS)
PHY mode
SEGDATA7 − SEGDATA0 (RXDATA) is byte-wide true data that is sourced by the
TNETA1570. SEGDATA7 is the MSB.
SEGDATA0
89 − 92
(CMOS)
ATM mode
SEGDATA7 − SEGDATA0 (TXDATA) is byte-wide true data that is sourced by the
TNETA1570. SEGDATA7 is the MSB.
Segmentation enable
SEGEN
96
I
(TTL)
PHY mode
SEGEN (RXENB) indicates that a valid byte will be sent during the next clock cycle.
SEGEN
96
I
(TTL)
ATM mode
SEGEN (TXFULL /TXCLAV) indicates that at least 1-byte SEGDATA will be
accepted.
O
Segmentation parity
SEGPAR
94
O
(CMOS)
PHY mode
SEGPAR (RXPAR) is the odd-parity bit over SEGDATA7 − SEGDATA0.
SEGPAR
94
(CMOS)
ATM mode
SEGPAR (TXPAR) is the odd-parity bit over SEGDATA7 − SEGDATA0.
Segmentation start of cell
SEGSOC
97
O
(CMOS)
PHY mode
SEGSOC (RXSOC) is active high when SEGDATA contains the first valid byte of
the cell.
SEGSOC
97
(CMOS)
ATM mode
SEGSOC (TXSOC) is active high when SEGDATA contains the first valid byte of
the cell.
high-priority segmentation (request and acknowledge)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
HPSREQ
109
I
(TTL)
High-priority segmentation request. HPSREQ is sampled at each new segmentation opportunity
and is synchronous to the PCI-bus clock. When HPSREQ is active, TNETA1570 initiates the
procedure for transmitting a cell from TX DMA channel 1. To ensure that the high-priority
segmentation request is processed, HPSREQ remains active until HPSACK is set low. HPSREQ
is deasserted within two PCI-bus clock cycles of when HPSACK is asserted.
HPSACK
108
O
(CMOS)
High-priority segmentation acknowledge. HPSACK is asserted for one PCI-bus clock cycle to
acknowledge that HPSREQ is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com