Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 27 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 27 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 23Page - Texas Instruments TNETX3100PGW Datasheet HTML 24Page - Texas Instruments TNETX3100PGW Datasheet HTML 25Page - Texas Instruments TNETX3100PGW Datasheet HTML 26Page - Texas Instruments TNETX3100PGW Datasheet HTML 27Page - Texas Instruments TNETX3100PGW Datasheet HTML 28Page - Texas Instruments TNETX3100PGW Datasheet HTML 29Page - Texas Instruments TNETX3100PGW Datasheet HTML 30Page - Texas Instruments TNETX3100PGW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
address register description (continued)
The address-learning operation is disabled on a per-port basis by setting the NLEARN bit in the port control
register. When a frame is received by a port that has its NLEARN bit set, the source address is not pushed onto
the stack.
To prevent multiple copies of the same address filling the stack, the push-down mechanism is modified; if the
stack already contains an entry with the same network address (possibly with a different port number), then the
registers below that location are protected from being overwritten.
Addresses that are seen repeatedly remain near the top of the stack and those that are seen infrequently work
their way toward the bottom of the stack as new addresses are required, until they are finally aged out by being
pushed off the end of the stack.
When the TNETX3100 is reset, the stack is initialized such that all entries have a network address of zero and
a port number of 15; this identifies the entry as invalid and no address matching can be performed with such
an entry.
The address-learning capability of the uplink (port 00) is restricted by setting the LIMLRN bit of the FEACFG
register to a 1. In this mode, port 00 learns addresses only from frames it receives if the destination address
has already been learned (currently in the address table). The learning capability of the port is still disabled if
the ports NLEARN bit is set.
secured address
The TNETX3100 can secure addresses to specified ports. When an address is secured to a specified port, that
source address is used only with that port. Use of a secured address on a port to which it is not assigned causes
the received frame to be discarded.
An address is considered secure if the least-significant bit of that address is a 1. When an address is pushed
onto the stack, the least-significant bit (G/S bit) is discarded and replaced by a zero. This causes the learned
address to be unsecured.
A secured address entry in the stack modifies the push-down mechanism such that the secured address entry
and all those below it are protected from being overwritten. When secured addresses are at the bottom end of
the stack, this decreases the depth of the stack of learned addresses and prevents the secured addresses from
being aged out.
A secured address prevents that source address from being used on another port. If the source address is
secured to another port, then the frame is discarded and if the SECDIS bit is set, the receiving port enters the
disabled due to address duplication state.
DIO access to address registers
The network registers must be locked to prevent the registers from changing. LOCK is set before reading or
writing to the address registers. When LOCK = 1, no new addresses become learned addresses by the
TNETX3100, but the TNETX3100 continues to route frames based upon the network registers.
After reset, the address registers are zero. LOCK is present only for network address register 0 and
register 16; LOCK is reserved for all other network registers (1–15, 17–31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com