Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 51Page - Texas Instruments TNETX3100PGW Datasheet HTML 52Page - Texas Instruments TNETX3100PGW Datasheet HTML 53Page - Texas Instruments TNETX3100PGW Datasheet HTML 54Page - Texas Instruments TNETX3100PGW Datasheet HTML 55Page - Texas Instruments TNETX3100PGW Datasheet HTML 56Page - Texas Instruments TNETX3100PGW Datasheet HTML 57Page - Texas Instruments TNETX3100PGW Datasheet HTML 58Page - Texas Instruments TNETX3100PGW Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
glossary (continued)
TX data errors
This statistic is switchable between:
D The number of transmit frames discarded on transmission due to lack of resources (i.e., the transmit queue
was full). This allows queue monitoring for dynamic queue sizing and buffer allocation.
D The number of data errors at transmission. This is incremented when a mismatch is seen between a
received good CRC and a checked CRC at transmission or when a partial frame is transmitted due to a
receive underrun.
The function this counter performs is selected by the STMAP bit (bit 3) of the system control register.
TX H/W errors
The function of this counter is performed by the TX data-errors counter.
TX octets
This contains a count of data and padding octets of frames that were successfully transmitted. See
IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 5.
undersize RX frames
The total number of packets received that were less than 64 octets long (excluding framing bits, but including
FCS octets) and were otherwise well formed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com