Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 61 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 61 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 57Page - Texas Instruments TNETX3100PGW Datasheet HTML 58Page - Texas Instruments TNETX3100PGW Datasheet HTML 59Page - Texas Instruments TNETX3100PGW Datasheet HTML 60Page - Texas Instruments TNETX3100PGW Datasheet HTML 61Page - Texas Instruments TNETX3100PGW Datasheet HTML 62Page - Texas Instruments TNETX3100PGW Datasheet HTML 63Page - Texas Instruments TNETX3100PGW Datasheet HTML 64Page - Texas Instruments TNETX3100PGW Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 6 and Figure 15)
DRAM write cycle
NO.
MIN
NOM
MAX
UNIT
1
tc(OSCIN)
Cycle time, OSCIN clock
20
ns
2
tw(OSCINH)
Pulse duration, OSCIN high
8
ns
3
tw(OSCINL)
Pulse duration, OSCIN low
8
ns
Frequency drift, OSCIN clock
±50
ppm
NOTE 6: All DRAM output signals are synchronous to the DREF clock. Figure 15 shows a single DRAM write (TNETX3100 forward pointer
update).
operating characteristics over recommended operating conditions (see Note 6 and Figure 15)
DRAM write cycle (with DREF clock)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
4
tc(DREF)
Cycle time, DREF clock
20
ns
5
td(DA)†
Delay time, from DREF
↑ to DA7–DA0 valid/invalid
0
ns
5
td(DX)†
Delay time, from DREF
↑ to DX2–DX0 valid/invalid
0
ns
6
td(DRAS)†
Delay time, from DREF
↑ to DRAS transition
0
ns
7
td(DD)†
Delay time, from DREF
↑ to DD35–DD0 valid/invalid
0
ns
8
td(DOE)†
Delay time, from DREF
↑ to DOE transition
0
ns
9
td(DWE)†
Delay time, from DREF
↑ to DWE transition
0
ns
10
td(DCAS)†
Delay time, from DREF
↑ to DCAS transition
0
ns
† All DRAM terminals are specified to have less than a 7-ns variance at any temperature and voltage.
NOTE 6: All DRAM output signals are synchronous to the DREF clock. Figure 15 shows a single DRAM write (TNETX3100 forward pointer
update).
operating characteristics over recommended operating conditions (see Note 7 and Figure 15)
DRAM write cycle (with OSCIN clock)
NO.
PARAMETER
MIN
MAX
UNIT
11
td(DA)
Delay time, from OSCIN
↑ to DA7–DA0 valid/invalid
3
18
ns
11
td(DX)
Delay time, from OSCIN
↑ to DX2–DX0 valid/invalid
3
18
ns
12
td(DRAS)
Delay time, from OSCIN
↑ to DRAS transition
3
16
ns
13
td(DD)
Delay time, from OSCIN
↑ to DD35–DD0 valid/invalid
3
18
ns
14
td(DOE)
Delay time, from OSCIN
↑ to DOE transition
3
18
ns
15
td(DWE)
Delay time, from OSCIN
↑ to DWE transition
3
16
ns
16
td(DCAS)
Delay time, from OSCIN
↑ to DCAS transition
3
15
ns
NOTE 7: All DRAM output signals are synchronous to the OSCIN clock. Figure 15 shows a single DRAM write (TNETX3100 forward pointer
update).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com