Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 3 Page - Texas Instruments

  TNETX3100PGW Datasheet HTML 1Page - Texas Instruments TNETX3100PGW Datasheet HTML 2Page - Texas Instruments TNETX3100PGW Datasheet HTML 3Page - Texas Instruments TNETX3100PGW Datasheet HTML 4Page - Texas Instruments TNETX3100PGW Datasheet HTML 5Page - Texas Instruments TNETX3100PGW Datasheet HTML 6Page - Texas Instruments TNETX3100PGW Datasheet HTML 7Page - Texas Instruments TNETX3100PGW Datasheet HTML 8Page - Texas Instruments TNETX3100PGW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGC PACKAGE
(TOP VIEW)
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
101
103
105
107
109
111
113
115
117
119
DD00
DD01
VCC
DD02
DD21
DD18
GND
DD05
GND
DD06
DD07
VCC
VCC(5V)
DD08
DD09
DD10
DD11
GND
DD13
DD12
VCC
DD14
VCC
DD20
DX00
GND
DX01
DX02
DD35
VCC
DD34
DD33
DD32
DD31
GND
DD30
GND
VCC(5V)
DD29
DD28
VCC
DD27
DD26
DD25
GND
DD24
VCC
DD22
DD23
GND
DD19
GND
DD16
DD17
GND
DD15
DD03
DD04
GND
DRAS
239
237
235
233
231
229
227
225
223
221
219
217
215
213
211
209
207
205
203
201
199
197
195
193
191
189
187
185
183
181
M01TXEN
M01TXER
M01TXD3
M01CRS
GND
M01COL
M01RXD0
M01RXD1
M01RCLK
M01RXD3
M01RXDV
M01RXD2
M01RXER
VCC(5V)
M01SPEED
M01DUPLEX
VCC
M02DUPLEX
M01LINK
M02RXD
M02CRS
M02LINK
M02TXD
M02TXEN
M02RCLK
M02COL
M03TCLK
M03DUPLEX
M02TCLK
M03LINK
M03RXD
GND
M03RCLK
M03TXD
M03CRS
M03COL
M04COL
M03TXEN
M04TXEN
M04RCLK
VCC
M04TXD
M04RXD
VCC(5V)
M04CRS
M04DUPLEX
M04TCLK
M04LINK
M05COL
M05TXEN
M05TCLK
M05TXD
GND
M05CRS
M05RCLK
M05RXD
M05LINK
M05DUPLEX
M06DUPLEX
M06LINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com