Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 45 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 41Page - Texas Instruments TNETX3100PGW Datasheet HTML 42Page - Texas Instruments TNETX3100PGW Datasheet HTML 43Page - Texas Instruments TNETX3100PGW Datasheet HTML 44Page - Texas Instruments TNETX3100PGW Datasheet HTML 45Page - Texas Instruments TNETX3100PGW Datasheet HTML 46Page - Texas Instruments TNETX3100PGW Datasheet HTML 47Page - Texas Instruments TNETX3100PGW Datasheet HTML 48Page - Texas Instruments TNETX3100PGW Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LED interface
An LED interface allows a visual status for each port to be displayed. Each port has a single LED; the LED
display conveys information about the port state.
PORT STATE
LED DISPLAY
No link
Off
Link, but no activity
On
Occasional activity
On, with occasional off periods (1/16th second)
High activity
Fast flashing (8 Hz)
Partitioned
On for 0.5 seconds, then off for 1.5 seconds
In addition to the port status information, the LED interface also enables the state of the internal flow control and
fault functions to be displayed along with four software-controllable LEDs. The display can be configured in a
mode that displays only the partitioned status by setting the PONLY bit in the LED register. The LEDDATA signal
is active low since TTL is more efficient at driving low than high (see Figure 10).
TNETX3100
74ACT374
Shift Register
74ACT373
Latch
74ACT374
Shift Register
74ACT373
Latch
LED Matrix
LEDCLK
LEDDATA
LEDSTR
Figure 10. LED Interface
Sixteen status bits are shifted serially out and then LEDSTR is pulsed to latch the data; this process is repeated
every 1/16th of a second. The shift register can be shortened if a system is not required to display all of the LEDs;
a very low-cost system that implements only the FAULT LED can be readily implemented by using LEDSTR to
clock a single external latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com