Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 30 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 26Page - Texas Instruments TNETX3100PGW Datasheet HTML 27Page - Texas Instruments TNETX3100PGW Datasheet HTML 28Page - Texas Instruments TNETX3100PGW Datasheet HTML 29Page - Texas Instruments TNETX3100PGW Datasheet HTML 30Page - Texas Instruments TNETX3100PGW Datasheet HTML 31Page - Texas Instruments TNETX3100PGW Datasheet HTML 32Page - Texas Instruments TNETX3100PGW Datasheet HTML 33Page - Texas Instruments TNETX3100PGW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port-N status register at 0x2*N + 0x0081 (read only) (N = port number in hex) (continued)
PORT STATE
FUNCTION
000
Enabled. This is the normal state of a port. This is the only port state during which frames are forwarded to the port. In all other
states, no new frames are forwarded to the port.
001
Suspended due to link failure. The port has been suspended due to the absence of link activity at the port, as indicated by an
inactive (zero) state of the port’s MXXLINK terminal. This can indicate cable failure or indicate that there is no station attached
to the port. The port is reenabled when link activity is detected at the port, indicated by an active (1) state of the port’s MXXLINK
terminal. If link is lost during transmission of a frame, transmission continues until the start of the next frame (the transmitted
frame is lost). If link is lost during transmit, all enqueued frames are transmitted.
010
Reserved
011
Reserved
100
Disabled by management. The port has been explicitly disabled by a DISABLE control bit write (or it is in the buffer initialization
state). In this state, the port can be reenabled only by writing a 1 to the ENABLE control bit, or by clearing the disable bit.
101
Reserved
110
Disabled due to address duplication. The port has been disabled due to the reception at the port of a frame with a source
address securely assigned to another port. In this state, no frames are forwarded to or from the port, and no address learning
takes place. A port in this state is reenabled only by writing a 1 to the ENABLE control bit.
111
Reserved
revision register at 0x00A0
BIT
7
6
5
4
3
2
1
0
Revision
BIT
NAME
FUNCTION
7–4
Revision
Hardware revision code for this device. This field is read only. Revision 0.0 devices have a revision code of 0x00.
Bits 7–4 denote the major digit.
3–0
Revision
Hardware revision code for this device. This field is read only. Revision 0.0 devices have a revision code of 0x00.
Bits 3–0 denote the minor digit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com