Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 69Page - Texas Instruments TNETX3100PGW Datasheet HTML 70Page - Texas Instruments TNETX3100PGW Datasheet HTML 71Page - Texas Instruments TNETX3100PGW Datasheet HTML 72Page - Texas Instruments TNETX3100PGW Datasheet HTML 73Page - Texas Instruments TNETX3100PGW Datasheet HTML 74Page - Texas Instruments TNETX3100PGW Datasheet HTML 75Page - Texas Instruments TNETX3100PGW Datasheet HTML 76Page - Texas Instruments TNETX3100PGW Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 24)
MII receive 100 Mbit/s (xx=ports 00–01)
NO.
MIN
MAX
UNIT
1
tsu(MXXRXD)1
Setup time, MXXRXD3–MXXRXD0 valid before MXXRCLK
↑
8
ns
1
tsu(MXXRXD)2
Setup time, MXXRXD7–MXXRXD0 valid before MXXRCLK
↑
8
ns
1
tsu(MXXRXDV)
Setup time, MXXRXDV valid before MXXRCLK
↑
8
ns
1
tsu(MXXRXDVX)
Setup time, MXXRXDVX valid before MXXRCLK
↑
8
ns
1
tsu(MXXRXER)
Setup time, MXXRXER valid before MXXRCLK
↑
8
ns
2
th(MXXRXD)1
Hold time, MXXRXD3–MXXRXD0 valid after MXXRCLK
↑
8
ns
2
th(MXXRXD)2
Hold time, MXXRXD7–MXXRXD0 valid after MXXRCLK
↑
8
ns
2
th(MXXRXDV)
Hold time, MXXRXDV valid after MXXRCLK
↑
8
ns
2
th(MXXRXDVX)
Hold time, MXXRXDVX valid after MXXRCLK
↑
8
ns
2
th(MXXRXER)
Hold time, MXXRXER valid after MXXRCLK
↑
8
ns
MXXRXD3–MXXRXD0 is driven by the PHY on the falling edge of MXXRCLK. MXXRXD3–MXXRXD0 timing
must be met during clock periods when MXXRXDV is asserted. MXXRXDV is asserted and deasserted by the
PHY on the falling edge of MXXRCLK. MXXRXER is driven by the PHY on the falling edge of MXXRCLK
(xx = 00–01).
MXXRCLK
(input)
MXXRXD3–MXXRXD0
MXXRXDV
MXXRXER (inputs)
1
2
Figure 24. Ports (00–01) Receive Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com