Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 29Page - Texas Instruments TNETX3100PGW Datasheet HTML 30Page - Texas Instruments TNETX3100PGW Datasheet HTML 31Page - Texas Instruments TNETX3100PGW Datasheet HTML 32Page - Texas Instruments TNETX3100PGW Datasheet HTML 33Page - Texas Instruments TNETX3100PGW Datasheet HTML 34Page - Texas Instruments TNETX3100PGW Datasheet HTML 35Page - Texas Instruments TNETX3100PGW Datasheet HTML 36Page - Texas Instruments TNETX3100PGW Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 6. VLAN Register Initial Values
REGISTER NAME
INITIAL VALUE
DIO ADDRESS
REGISTER NAME
+1
+0
DIO ADDRESS
VLAN 0 MASK
00000011
11111110
0x00B8
VLAN 1 MASK
00000011
01111101
0x00BA
VLAN 2 MASK
00000011
11111011
0x00BC
VLAN 3 MASK
00000011
11110111
0x00BE
VLAN 4 MASK
00000011
11101111
0x00C0
VLAN 5 MASK
00000011
11011111
0x00C2
VLAN 6 MASK
00000011
10111111
0x00C4
VLAN 7 MASK
00000011
01111111
0x00C6
VLAN 8 MASK
00000010
11111111
0x00C8
VLAN 9 MASK
00000001
11111111
0x00CA
When EAM bit-map direction is in use, the VLAN registers are used to store the bit mask from the EAM. VLAN
registers are loaded before the DRAM initialization (before the START bit is set).
free queue-length register at 0x00CC–0x00CE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DIO ADDRESS
Free queue length (7–0)
0x0CC
Free queue length (15–8)
0x0CD
Reserved
Free queue length (17–16)
0x0CE
This register contains the number of buffers currently on the free queue and is set to the total number of buffers in
the system at device initialization. The user should always read 0x0CC first; reading this location causes the
register contents to transfer to a holding latch to prevent the value from changing while being read. Writes to this
register have no effect.
feature-configuration register (FEACFG) at 0x00D0
BIT
7
6
5
4
3
2
1
0
Reserved
TXAIS
LIMLRN
EAMON
TPHY
Initial Values After Reset
X
X
X
X
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Reserved
3
TXAIS
Transmit activity indication select. When TXAIS = 1, the port LED indicates all RX and all TX activity. When TXAIS
= 0, the LEDs indicate unicast TX-frame activity and all RX-frame activity.
2
LIMLRN
Limit learning. When LIMLRN = 1, the address-learning capability of the uplink (port 00) is restricted. In this mode,
port 00 learns addresses from frames it receives if the destination address already has been learned (currently in
the address table). If NLEARN = 0 in the port 00 control register, LIMLRN has no effect.
1
EAMON
EAM enable bit. When EAMON = 1, the TNETX3100 uses EAM hardware; when EAMON = 0, the EAMXX terminals
are ignored.
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com