Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 31 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 31 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 27Page - Texas Instruments TNETX3100PGW Datasheet HTML 28Page - Texas Instruments TNETX3100PGW Datasheet HTML 29Page - Texas Instruments TNETX3100PGW Datasheet HTML 30Page - Texas Instruments TNETX3100PGW Datasheet HTML 31Page - Texas Instruments TNETX3100PGW Datasheet HTML 32Page - Texas Instruments TNETX3100PGW Datasheet HTML 33Page - Texas Instruments TNETX3100PGW Datasheet HTML 34Page - Texas Instruments TNETX3100PGW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SIO/XCTRL register at 0x00A1
XCTRL REGISTER
SIO REGISTER
BIT
BIT
7
6
5
4
3
2
1
0
Reserved
CUT100
RXARB
BRUN
Reserved
ECLOK
ETXEN
EDATA
Initial Values After Reset
–
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
Reserved
Reserved. Not implemented (reads as zero).
6
CUT100
Single-buffer cut-through operation on 100-Mbit/s ports only. CUT100 = 1 disables single-buffer cut-through
operation for frames received on 10-Mbit/s source ports. A frame is transmitted only when two buffers are
transferred to the transmit FIFO or an end of frame (prior to two buffers) is received. Although it increases latency
on 10-Mbit/s ports, enabling CUT100 reduces the probability of dropping frames due to FIFO underrun on
100-Mbit/s ports. When CUT100 = 0, all ports operate in single-buffer cut-through mode.
5
RXARB
Receive arbitration mode. RXARB = 1 ensures that no frames are dropped during bursty conditions. When RXARB
= 0, errored frames can be transmitted. To ensure proper operation, set RXARB to 1.
4
BRUN
Broadcast to unassigned ports. If no port address is matched, and BRUN = 1, the TNETX3100 broadcasts a unicast
frame to all ports with unassigned addresses (ports that are enabled but do not have a port address). When BRUN
= 0, all unmatched unicast frames are sent to the uplink port. BRUN = 0 if an external address-lookup device is
used. The external address-lookup device provides the function by itself.
3
Reserved
Reserved
2
ECLOK
EEPROM SIO clock. ECLOK controls the state of the ECLK terminal. When ECLOK = 1, ECLK is asserted. When
ECLOK = 0, ECLK is deasserted. ECLOK also is used to determine the state of the EEPROM interface. If the
EEPROM port is disabled, ECLOK is always read as a 0, even if a value of 1 is written to the bit. The TNETX3100
detects that the EEPROM port is disabled by sensing the state of the EDIO terminal during reset. If EDIO is read
as a 0 during reset (due to an external pulldown resistor), the EEPROM interface is disabled and no attempt is made
to read configuration information.
1
ETXEN
EEPROM SIO transmit enable. ETXEN controls the direction of the EDIO terminal. When ETXEN = 1, EDIO is
driven with the value in the EDATA bit. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal.
0
EDATA
EEPROM SIO data. EDATA is used to read or write the state of the EDIO terminal. When ETXEN = 1, EDIO is driven
with the value in EDATA. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal.
device code register at 0x00A3 (DIO)
BIT
7
6
5
4
3
2
1
0
Device Identification Code
0
0
0
0
0
0
0
1
BIT
NAME
FUNCTION
7–0
DEVCODE
Device type code for the device. The DEVCODE field is read only and identifies the type of ThunderSWITCH
device. The standard ThunderSWITCH (TNETX3150) has a code of 0x00. Tiny ThunderSWITCH (TNETX3100)
has a code of 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com