Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 32Page - Texas Instruments TNETX3100PGW Datasheet HTML 33Page - Texas Instruments TNETX3100PGW Datasheet HTML 34Page - Texas Instruments TNETX3100PGW Datasheet HTML 35Page - Texas Instruments TNETX3100PGW Datasheet HTML 36Page - Texas Instruments TNETX3100PGW Datasheet HTML 37Page - Texas Instruments TNETX3100PGW Datasheet HTML 38Page - Texas Instruments TNETX3100PGW Datasheet HTML 39Page - Texas Instruments TNETX3100PGW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
system control register at 0x00D3
BIT
7
6
5
4
3
2
1
0
RESET
LOAD
START
CLRSTS
STMAP
SECDIS
LONG
IOBMOD
Initial Values After Reset
0
0
0
0
0
0
0
1
BIT
NAME
FUNCTION
7
RESET
RESET = 1 places the TNETX3100 in a software reset state. Writing a 0 clears the reset state and allows for internal
testing while keeping the ports disabled. RESET clears the port control register but does not affect any other
configuration register. Configuration registers are cleared by a hardware reset (write to DIO address 4000–7FFF).
6
LOAD
Load system. Writing LOAD = 1 causes the TNETX3100 DIO registers to auto-load from an external EEPROM (if
present). All registers in the DIO address range 0x00–0xC3 are loaded from the corresponding EEPROM locations.
Writing LOAD = 0 has no effect. LOAD is read as a 1 until the auto-load is complete.
LOAD is not auto-loaded. LOAD is always set to 0 by auto-load.
5
START
Start system. Writing START = 1 causes the TNETX3100 to begin operation. START is read as a 1 until buffer
memory initialization is complete. While buffers are being initialized, all ports are disabled. Writing START = 0 has
no effect.
4
CLRSTS
Clear statistics. Writing CLRSTS = 1 causes the TNETX3100 to clear all its statistics counters. The TNETX3100
repeats clearing the statistics counters until CLRSTS is cleared.
3
STMAP
Statistic mapping. STMAP selects which statistic is recorded in multiple-function statistic counters. When
STMAP = 1, the number of TX frames discarded on TX, due to lack of resources, is recorded. If STMAP = 0, the
number of data errors at TX is recorded.
2
SECDIS
Disable ports on security violations. When SECDIS = 1, address security violations cause a port to be disabled.
When SECDIS = 0, address security violations cause a port to be suspended. Suspended ports are reenabled
when the offending condition is removed. Disabled ports are only reenabled by management (by setting port
ENABLE bit).
1
LONG
Long-frame handling. When LONG = 1, the RX and TX frame 1024–1518 bucket counter is redefined to become
RX and TX frames 1024–1531. When LONG = 0, the RX and TX frame 1024–1518 bucket counter is operating
normally. Frames 1536 bytes or larger are truncated.
0
IOBMOD
In-order broadcast mode. Always read as IOBMOD = 1; this is a read-only bit.
DRAM data register at 0x00D4–0x00D7
BIT
31
0
DRAMDATA
BIT
NAME
FUNCTION
31–0
DRAMDATA
DRAM data. DRAMDATA holds a 32-bit data value that maps to the forward-pointer field of a DRAM buffer
when accessed in DRAM test-access mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com