Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100PGW Datasheet(PDF) 49 Page - Texas Instruments

Part # TNETX3100PGW
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 45Page - Texas Instruments TNETX3100PGW Datasheet HTML 46Page - Texas Instruments TNETX3100PGW Datasheet HTML 47Page - Texas Instruments TNETX3100PGW Datasheet HTML 48Page - Texas Instruments TNETX3100PGW Datasheet HTML 49Page - Texas Instruments TNETX3100PGW Datasheet HTML 50Page - Texas Instruments TNETX3100PGW Datasheet HTML 51Page - Texas Instruments TNETX3100PGW Datasheet HTML 52Page - Texas Instruments TNETX3100PGW Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
internal frame-wrap test mode (continued)
09
08
07
06
05
00
04
03
02
01
TNETX3100
Figure 11. Internal Frame-Wrap Test (Wrapped Between Multiple Ports
Using Broadcast Frames and VLAN Registers)
By injecting broadcast or multicast frames into the source port and setting the VLAN registers, frames can be
forwarded between internally wrapped ports before transmission of the frame on the source port.
The operational status of the PHY (or external connections to the TNETX3100) do not have to be considered
or assumed good when in internal-loopback mode.
external frame-wrap test mode
Similar to internal frame-wrap mode, the ports can be set to accept frame data that is wrapped at the PHY. This
permits network connections between the TNETX3100 and the PHY to be verified. By using multicast/broadcast
frames, traffic is routed selectively between ports involved in the test (or return the frame directly) before
retransmission on port 00 (uplink) (see Figure 12).
External frame-wrap test mode is selected by setting the DPWRAP bit (bit 3) of the DIATST register. When
selected, the port is forced into full duplex, allowing it to receive the frame it transmits to the PHY (see DIATST
register at 0x00DD).
By using broadcast or multicast frames and suitably setting the VLAN registers, frames are forwarded between
internally frame-wrapped ports before transmission of the frame on the source port.
09
08
07
06
00
04
03
02
01
TNETX3100
PHY
05
PHY
Figure 12. External Frame-Wrap Test (Wrapped Between Multiple Ports
Using Broadcast Frames and VLAN Registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com