Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 25Page - NXP Semiconductors BF862 Datasheet HTML 26Page - NXP Semiconductors BF862 Datasheet HTML 27Page - NXP Semiconductors BF862 Datasheet HTML 28Page - NXP Semiconductors BF862 Datasheet HTML 29Page - NXP Semiconductors BF862 Datasheet HTML 30Page - NXP Semiconductors BF862 Datasheet HTML 31Page - NXP Semiconductors BF862 Datasheet HTML 32Page - NXP Semiconductors BF862 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
30
NXP Semiconductors RF Manual 16th edition
1.4.6 Generic RF front-end
Application diagram
bra850
LOW
FREQUENCY
CHIP SET
SPDT
switch
VCO
mixer
filter
LNA
filter
antenna
buffer
VCO
driver
PA
filter
Recommended products
Function
Product
Package
Type
SPDT switch
RF diode
Bandswitch
diode
SOD523
BA277
SOD323
BA591
PIN diode
Various
BAP51^
Various
BAP1321^
Function
Product
Package
Type
LNA
RF bipolar
transistor
Wideband
transistor
SOT23
PBR951
SOT323
PRF957
SOT323
PRF947
SiGe:C
transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
MMIC
Low-noise
wideband ampl. SOT1209
BGU6101
BGU6102
BGU6104
Function
Product
Package
Type
Driver
RF bipolar
transistor
Wideband
transistor
SOT323
PRF957
SOT23
PBR951
MMIC
Gen-purp
wideband amp
SOT363
BGA2771
SOT363
BGA2866
^ Also available in ultra-small leadless package SOD882D
Function
Product
Package
Type
Mixer
RF bipolar
transistor
Wideband
transistor
SOT343
BFG410W
SOT343
BFG425W
SOT343
BFG480W
MMIC
Linear mixer
SOT363
BGA2022
Function
Product
Package
Type
Buffer
RF bipolar
transistor
Wideband
transistor
SOT23
PBR951
SOT323
PRF957
SOT323
PRF947
SOT416
PRF949
Function
Product
Package
Type
Power
amplifier
MMIC
General-
purpose
wideband
amplifier
SOT89
BGA6289
BGA6489
BGA6589
BGA7024
BGA7027
Function
Product
Package
Type
VCO
Varicap
diodes
VCO varicap
diodes
SOD523
BB198
SOD323
BB156
Product highlight:
BFU790F silicon NPN germanium microwave transistor
Silicon NPN germanium microwave transistor for high-speed, low-
noise applications in a plastic, 4-pin dual-emitter SOT343F package.
Features
` Low-noise, high-linearity microwave transistor
` 110 GHz f
T silicon germanium technology
` High maximum output power at 1 dB compression of 20 dBm
at 1.8 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com