Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 85 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 81Page - NXP Semiconductors BF862 Datasheet HTML 82Page - NXP Semiconductors BF862 Datasheet HTML 83Page - NXP Semiconductors BF862 Datasheet HTML 84Page - NXP Semiconductors BF862 Datasheet HTML 85Page - NXP Semiconductors BF862 Datasheet HTML 86Page - NXP Semiconductors BF862 Datasheet HTML 87Page - NXP Semiconductors BF862 Datasheet HTML 88Page - NXP Semiconductors BF862 Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
86
NXP Semiconductors RF Manual 16th edition
@ 1.575 GHz
Type
Package
Supply
voltage
Supply current
Insertion power
gain
Noise
figure
Input power at 1 dB gain
compression
Input third-order intercept point
f
1 = 1713 MHz, f2 = 1851 MHz
V
cc
I
cc
|s
21|
2
NF
P
L(1dB)
IP3
i
(V)
(mA)
(dB)
(dB)
(dBm)
(dBm)
Min
Max
Min
Typ Max Min
Typ
Max
Typ
BGU7003
SOT891
2.2
2.85
3
-
15
16
18.3
20
0.8
-
-
-
-
-
- -20 -
-
-
-
-
-
-
-
0
-
-
BGU7004^ SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
- -14 -11 -
-
- -11 -8
-
-
5
9
-
-
-
5 12
BGU7005
SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
- -14 -11 -
-
- -11 -8
-
-
5
9
-
-
-
5 12
BGU7007
SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
- -15 -12 -
-
- -14 -11 -
-
1
4
-
-
-
2
5
BGU7008^ SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
- -15 -12 -
-
- -14 -11 -
-
1
4
-
-
-
2
5
BGU8006
WL-CSP
1.5
3.1
-
4.1
-
-
17.5****
-
0.6#
-
-
- -10 -
-
-
-
-8
-
-
-
5
-
-
-
-
8
BGU8007
SOT886
1.5
2.2
-
4.6
-
-
19.0***
-
0.75# -15 -12 -
- -13 -10 -
-
-
1
4
-
-
2
5
-
-
-
^ AEC-Q101 qualified (some limitations apply)
#
Evaluation board losses excluded
* 16.5 dB without jammer / 17.5 dB with jammer
** 18.5 dB without jammer / 19.5 dB with jammer
*** 19.0 dB without jammer / 20.5 dB with jammer
**** 17.5 dB without jammer / 19 dB with jammer
LNAs for set-top boxes (75 Ω)
Type
Package
Frequency
range
Mode
@
Gain (1)
NF
P
L (1dB)
OIP3
FL (2)
RL
out
RL
in
V
CC
I
CC
(MHz)
(V)
(mA)
(dB)
(dB)
(dBm)
(dBm)
(dB)
(dB)
(dB)
BGU7031
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
BGU7032
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
Bypass
5
4
-2
2.5
-
29
-0.2
8
8
BGU7033
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
G
P 5 dB
5
43
5
6
9
29
-0.2
12
17
Bypass
5
4
-2
2.5
-
29
-0.2
8
8
BGU7041
SOT363
40 - 1000
G
P 10 dB
3.3
38
10
4
12
29
-0.2
12
21
BGU7042
SOT363
40 - 1000
G
P 10 dB
3.3
38
10
4
12
29
-0.2
12
21
Bypass
3.3
3
-2
2.5
-
29
-0.2
10
10
BGU7044
SOT363
40 - 1000
G
P 14 dB
3.3
34
14
2.8
13
29
-0.2
12
20
BGU7045
SOT363
40 - 1000
G
P 14 dB
3.3
34
14
2.8
13
29
-0.2
12
20
Bypass
3.3
3
-2
2.5
-
27
-0.2
10
9
SiGe:C LNAs (for GPS and others)
Type
Package
@ V
CC
@ I
CC
frange
frange
Gass
NF
P
L(1dB)
IP3
O
RL
in
RL
out
[typ]
[typ]
[min]
[max]
[typ]
[typ]
[typ]
[typ]
[typ]
[typ]
(V)
(mA)
(MHz)
(MHz)
(dB)
(dB)
(dBm)
(dBm)
(dB)
(dB)
BGU7051
SOT650-1
3.3
65
500
750
23.5
0.6
17
32
27.5
18
750
850
21.5
0.63
16.5
32
26
17.5
900
1500
21
0.65
16.5
33
24.5
18
BGU7052
SOT650-1
3.3
80
1500
1750
21.5
0.76
15.5
37
23
22
1850
1900
20
0.76
14.5
35.5
23
22
1950
2500
19.7
0.79
14.5
35
22
21
BGU7053
SOT650-1
3.3
90
2300
2500
18.5
0.85
13.5
36
23
19.5
2700
2800
17.5
0.9
13
36
26
23
BGU7060
SOT1301AA
5
200
700
800
3
21
11
25.5
20
19
12
15
7.5
22.5
20
19
18
7.2
-7
4.5
20
19
35
1
-12.5
2.5
24
19
BGU7061
SOT1301AA
5
200
800
950
3
21
11
25.5
20
19
12
15
7.5
22.5
20
19
18
7.2
-7
4.5
20
19
35
1
-12.5
2.5
24
19
BGU7062
SOT1301AA
5
185
1710
1785
3
20.6
10.7
25.6
23
16
12
15
5.4
21
23
16
18
9.3
-7
3.4
23
16
35
0.98
-12.8
1
26
16
BGU7063
SOT1301AA
5
190
1920
1980
18
6.4
-6.4
5.4
35
15
230
35
1.05
-12.5
0.9
31
15
LNAs for wireless infrastructures (50 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com