Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 12Page - NXP Semiconductors BF862 Datasheet HTML 13Page - NXP Semiconductors BF862 Datasheet HTML 14Page - NXP Semiconductors BF862 Datasheet HTML 15Page - NXP Semiconductors BF862 Datasheet HTML 16Page - NXP Semiconductors BF862 Datasheet HTML 17Page - NXP Semiconductors BF862 Datasheet HTML 18Page - NXP Semiconductors BF862 Datasheet HTML 19Page - NXP Semiconductors BF862 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
17
NXP Semiconductors RF Manual 16th edition
1.3.1 Network interface module (NIM) for TV reception
Application diagram
brb403
RF input
RF SW
VGA
WB LNA
surge
RF output
CONVENTIONAL
TUNER OR
SILICON TUNER
1.3 TV and satellite
Looking for more information on our wideband LNAs supporting multi-tuner applications in TVs, DVR/PVRs, and STBs?
See section 2.3.1 LNAs with programmable gain & bypass option for improved tuner performance.
Recommended products
Function
Product
V
cc (V)
Gain (db)
Package
Type
LNA
MMIC
5
10
SOT363
BGU7031
5
10
SOT363
BGU7032
-2
5
10
SOT363
BGU7033
5
-2
3.3
10
SOT363
BGU7041
3.3
10
SOT363
BGU7042
-2
3.3
14
SOT363
BGU7044
3.3
14
SOT363
BGU7045
-2
Product highlight:
Make a high-performance active splitter in a NIM tuner
with the BGU703x/ BGU704x
Today's TV tuners require complicated signal handling and benefit
from flexibility in design. The front-end of a TV signal receiver is
no longer just a tuned receiver, but has evolved into an RF network
interface module (NIM) with tuned demodulators, active splitters,
and remodulators. The active splitter requires an LNA with excellent
linearity. NXP has developed two new series of LNA/VGA MMICs
(BGU703x/BGU704x), designed especially for high linearity (P3O
of 29 dBm) in low-noise applications such as an active splitter in a
NIM tuner. The BGU703x family operates at a supply voltage of 5 V
and is intended for use with normal can tuners. The BGU704x family
operates at 3.3 V and works seamlessly with our Si tuner ICs, which
also operate at 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com