Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 63Page - NXP Semiconductors BF862 Datasheet HTML 64Page - NXP Semiconductors BF862 Datasheet HTML 65Page - NXP Semiconductors BF862 Datasheet HTML 66Page - NXP Semiconductors BF862 Datasheet HTML 67Page - NXP Semiconductors BF862 Datasheet HTML 68Page - NXP Semiconductors BF862 Datasheet HTML 69Page - NXP Semiconductors BF862 Datasheet HTML 70Page - NXP Semiconductors BF862 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
68
NXP Semiconductors RF Manual 16th edition
2.5.5 Digitalbroadcastingatitsbest
The BLF881 / BLF888A transistor line-up enables today’s most powerful and
efficient digital broadcast transmitter applications
BLF881
This transistor is based on NXP’s 50 V LDMOS technology and
features 120 W RF output power for broadcast transmitter and
industrial applications. An unmatched device, the BLF881 can be
used in the HF to 1 GHz range. The excellent ruggedness and
broadband performance of this device make it ideal for digital
transmitter applications – either on its own or as a driver in
combination with the high-power transistor BLF888A.
The BLF881 is also available in an earless version, the BLF881S,
which enables an even more compact PCB design.
BLF888A
Running from a 50 V supply voltage, the BLF888A is a
600 W LDMOS RF power transistor for broadcast transmitter
and industrial applications. Being a matched device, the
BLF888A is optimized for digital signal broadcasting and
can deliver 120 W average DVB-T output power over the full
UHF band from 470 MHz to 860 MHz with 20 dB power gain
and 31% drain efficiency. The excellent ruggedness of this
transistor (it withstands a VSWR in excess of 40:1) makes it the
ultimate choice as final stage for digital transmitter applications
– ideally accompanied by a BLF881 as the driver. This device
is also available in an earless package, denoted BLF888AS, to
enable surface-mount assembly processes and take optimum
advantage of the very low thermal resistance of the package.
Key features and benefits
` Excellent efficiency and reliability
` Highest power levels in the market
` Best-in-class ruggedness designed into all devices
` Best broadband performance
` Easy power control
` Best-in-class design support
` Low thermal resistance design for unrivalled reliability
` Advanced flange material for optimum thermal behavior
and reliability
` Designed for broadband operation (470 to 860 MHz)
Key applications
` Analog and digital TV transmitters
brb339
typ. 0.5 kW
DVB-T
typ. 5 kW DVB-T
output power
TV exciter
DVB-T
Driver stages
amplifiers
harmonic
filter power
monitor
8×final
Type
Product
f
min(MHz)
f
max(MHz)
P1dB(W)
Matching
VDS(V)
P
L(W)
η
D(%)
G
p(dB)
Testsignal Package
BLF642
Driver
1
1400
35
-
32
35
63
19
CW
SOT467C
BLF884P(S)
Final
470
860
300
I
50
150
46
21
CW
SOT1121
BLF879P
470
860
500
I
42
200
47
21
CW
SOT539A
BLF888A(S)
470
860
600
I
50
250
46
21
CW
SOT539
BLF888B(S)
470
860
600
I
50
250
46
21
CW
SOT539
BLF881(S)
1
1000
140
-
50
140
49
21
CW
SOT467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com