Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 88Page - NXP Semiconductors BF862 Datasheet HTML 89Page - NXP Semiconductors BF862 Datasheet HTML 90Page - NXP Semiconductors BF862 Datasheet HTML 91Page - NXP Semiconductors BF862 Datasheet HTML 92Page - NXP Semiconductors BF862 Datasheet HTML 93Page - NXP Semiconductors BF862 Datasheet HTML 94Page - NXP Semiconductors BF862 Datasheet HTML 95Page - NXP Semiconductors BF862 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
93
NXP Semiconductors RF Manual 16th edition
3.6
RF modules
Why choose NXP’s RF modules:
` Excellent linearity, stability, and reliability
` Rugged construction
` Extremely low noise
` High power gain
` Low total cost of ownership
CATV types for Chinese (C-types) and 1 GHz GaAs HFET
line-ups
The C-types are specially designed for the Chinese market,
customized for two major governmental projects. The GaAs
HFET family includes a complete 1 GHz line-up for high-end
applications around the world.
C-types (China)
` CATV push-pulls, section 3.6.2: BGY588C, BGE788C,
CGY888C
` CATV power doublers, section 3.6.3: BGD712C, CGD982HCi,
CGD985HCi, CGD987HCi
` CATV optical receivers, section 3.6.4: BGO807C, BGO807CE
1 GHz GaAs HFET high-end hybrids
` CATV push-pulls, section 3.6.2 : CGY1032, CGY1041,
CGY1043, CGY1047, CGY1049
` CATV power doublers, section 3.6.3: CGD1040Hi,
CGD1042Hi, CGD1044Hi, CGD1046Hi, CGD1042H,
CGD1044H
CATV module selection guide on www.nxp.com/catv
Easy-to-use parametric filters help you choose the right
CATV module for your design.
3.6.1 CATV push-pulls
Type
Frequency range
(MHz) (1)
Gain
(dB)
Slope
(dB)
FL
(dB) (2)
RL
IN/RLOUT
(dB)
CTB
(dB) (3)
X
mod
(dB) (3)
CSO
(dB) (3)
@ Ch
@ Vo
(dBmV)
NF @ f
max
(dB)
I
tot
(mA)
BGY588C
40-550
33.5 - 35.5
0.2 - 1.7
0.5
16 / 16
-57
-62
77
44
8
345
BGY785A
40-750
18 - 19
0 - 2
0.1
20 / 20
-54.5
-57.5
-62
110
44
6
225
BGE788C
33.2 - 35.2
0.3 - 2.3
0.6
16 / 16
-49
-52
110
44
8
325
BGY787
21 - 22
0 - 1.5
0.2
20 / 20
-54.5
-54
-57.5
110
44
5
220
BGE787B
28.5 - 29.5
0.2 - 2.2
0.45
20 / 20
-48
-52
-56
110
44
6.5
340
BGE885
40-870
16.5 - 17.5
0.2 - 1.2
0.5
14 / 14
8
240
BGX885N
16.5 - 17.5
0.2 - 1.4
0.3
20 / 20
8
240
BGY885A
18 - 19
0 - 2
0.2
20 / 20
-65
-65
-67
49
44
6
225
BGY887
21 - 22
0.2 - 2
0.2
20 / 20
-64.5
-64.5
-67.5
49
44
5
220
CGY888C
34.5 - 36.5
1.5
0.25
20 / 20
-65
-72
-63
112
44
4
280
BGY835C
33.5 - 34.5
0.5 - 2.5
0.5
20 / 20
-60
-55
49
44
7
340
BGY887B
28.5 - 29.5
0.5 - 2.5
0.5
20 / 20
-60
-60
-60
49
44
6.5
340
BGY888
33.5 - 34.5
0.5 - 2.5
0.2
20 / 20
-63.5
-63
-64
49
44
5.5
325
3.6.2 CATV push-pulls 1 GHz
Type
Frequency
range (MHz)(1)
Gain
(dB)
Slope
(dB)
FL
(dB) (1)
RL
IN/RLOUT
(dB)
CTB
(dB) (3)
X
mod
(dB) (3)
CSO
(dB) (3)
@ Ch
@ Vo
(dBmV)
NF @ f
max
(dB)
I
tot
(mA)
CGY1041
40 - 1003
21 - 22.5
1.2 - 2.7
0.9
20 / 18
-62
-58
-64
79 NTSC channels + 75 digital channels
44
4.3
265
CGY1043
23 - 24.5
1.2 - 2.7
0.9
20 / 18
-62
-58
-64
79 NTSC channels + 75 digital channels
44
4.2
265
CGY1047
27 - 28.5
1.5 - 2.5
0.8
20 / 18
-64
-60
-66
79 NTSC channels + 75 digital channels
44
4.5
250
CGY1049
29 - 31 0.85 - 2.35
0.85
20 / 18
-62
-58
-64
79 NTSC channels + 75 digital channels
44
4.5
265
CGY1032
32 - 34 1.05 - 2.55
0.85
20 / 18
-62
-58
-64
79 NTSC channels + 75 digital channels
44
4.4
265
BGY1085A
18 - 19
0 - 2
0.3
20 / 20
-53
-54
-56
150
40
7.5
240
Bold = highly recommended product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com