Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 28Page - NXP Semiconductors BF862 Datasheet HTML 29Page - NXP Semiconductors BF862 Datasheet HTML 30Page - NXP Semiconductors BF862 Datasheet HTML 31Page - NXP Semiconductors BF862 Datasheet HTML 32Page - NXP Semiconductors BF862 Datasheet HTML 33Page - NXP Semiconductors BF862 Datasheet HTML 34Page - NXP Semiconductors BF862 Datasheet HTML 35Page - NXP Semiconductors BF862 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
33
NXP Semiconductors RF Manual 16th edition
1.5.3 Tire pressure monitoring system
Application diagram
Recommended products
Function
Product
Package
Type
PA
RF bipolar
transistor
Wideband
transistor
SOT23
BFR92A
SOT323
BFR92AW
SOT23
BFR94A^
SOT323
BFR93AW
SOT323
BFR94AW^
Function
Product
Package
Type
Driver
RF bipolar
transistor
Wideband
transistor
SOT323
PRF957
SOT23
PBR951
MMIC
Amplifier
SOT363
BGA2031/1
Gen-purp
wideband amp
SOT363
BGA2771
SOT363
BGA2866
Function
Product
Package
Type
VCO
Varicap diodes VCO varicap diodes
SOD523
BB198
SOD323
BB156
^ AEC-Q101 qualified (some limitations apply)
Product highlight:
BGU6101 MMIC wideband amplifier
The BGU6101 is an unmatched MMIC featuring an integrated bias-
enable function and a wide supply voltage. It is part of a family of
three products (BGU6101, BGU6102, BGU6104), and is optimized for
2 mA operation.
Features
` Applicable between 40 MHz and 6 GHz
` 13 dB gain and 0.8 dB NF at 450 MHz
` 50 Ω FM LNA: 15 dB gain and 1.4 dB NF at 100 MHz
` Integrated temperature-stabilized bias for easy design
` Bias current configurable with external resistor
` Power-down mode current consumption < 1 μA
` ESD protection > 1 kV Human Body Model (HBM) on all pins
driver
VCO
PA
filter
antenna
SENSOR
brb216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com