Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 30Page - NXP Semiconductors BF862 Datasheet HTML 31Page - NXP Semiconductors BF862 Datasheet HTML 32Page - NXP Semiconductors BF862 Datasheet HTML 33Page - NXP Semiconductors BF862 Datasheet HTML 34Page - NXP Semiconductors BF862 Datasheet HTML 35Page - NXP Semiconductors BF862 Datasheet HTML 36Page - NXP Semiconductors BF862 Datasheet HTML 37Page - NXP Semiconductors BF862 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
35
NXP Semiconductors RF Manual 16th edition
* Check status in section 3.1, as this type is not yet released for mass production
1.6 Industrial, scientific & medical (ISM)
1.6.1 Broadcast / ISM
Application diagram
Recommended ISM products
typ. 0.5 kW
DVB-T
typ. 5 kW DVB-T
output power
TV exciter
DVB-T
Driver stages
amplifiers
harmonic
filter power
monitor
8×final
Product highlight:
BLF578XR Power LDMOS transistor
Designed for broadband operation, this 1400 W extremely rugged
LDMOS power transistor supports broadcast and industrial
applications in the HF to 500 MHz band. This product is an enhanced
version of the BLF578. It uses NXP's XR process to provide maximum
ruggedness capability in the most severe applications without
compromising RF performance.
Features
` Output power = 1400 W
` Power gain = 23 dB
` High Efficiency = 69 %
` Integrated ESD protection
` Excellent ruggedness
` Excellent thermal stability
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
Matching VDS (V)
η
D (%)
G
p (dB)
Test signal
Package
Type
HPA
Driver
1
2500
12
I
28
60
19
CW
SOT975
BLF25M612(G)*
Final
10
128
600
-
50
75
28
pulsed
SOT539
BLF174XR(S)*
10
128
1400
-
50
72
29
pulsed
SOT539
BLF178XR(S)
10
500
200
-
50
70
24
pulsed
SOT1121
BLF572XR(S)*
10
500
600
-
50
70
26
pulsed
SOT539
BLF574XR(S)*
10
500
1400
-
50
69
23
pulsed
SOT539
BLF578XR(S)
1300
1300
250
I
50
56
17
CW
SOT1121
BLF6G13L(S)-250P
2400
2500
180
I/O
28
55
12
CW
SOT539
BLF2425M6L(S)180P*
2400
2500
140
I/O
28
52
17.5
CW
SOT502
BLF2425M7L(S)140*
2400
2500
200
I/O
28
52
15
CW
SOT502
BLF2425M7L(S)200*
2400
2500
250
I/O
28
55
15
CW
SOT539
BLF2425M7L(S)250P*
Recommended broadcast products
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
VDS (V)
η
D (%)
G
p (dB)
Test signal
Package
Type
HPA
Driver
10
500
20
50
70
27.5
CW
SOT467C
BLF571
1
1400
35
32
63
19
CW
SOT467C
BLF642
Final
1
1000
100
40
60
21
CW
SOT467
BLF871(S)
1
1000
140
50
49
21
CW
SOT467
BLF881(S)
10
1400
200
32
70
18
pulsed
SOT1121
BLF647P(S)*
10
128
1200
50
75
28.5
pulsed
SOT539A
BLF178P
470
860
500
42
47
21
CW
SOT539A
BLF879P
470
860
300
50
46
21
CW
SOT1121
BLF884P(S)
470
860
600
50
46
21
CW
SOT539
BLF888A(S)
470
860
600
50
46
21
CW
SOT539
BLF888B(S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com