Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 76Page - NXP Semiconductors BF862 Datasheet HTML 77Page - NXP Semiconductors BF862 Datasheet HTML 78Page - NXP Semiconductors BF862 Datasheet HTML 79Page - NXP Semiconductors BF862 Datasheet HTML 80Page - NXP Semiconductors BF862 Datasheet HTML 81Page - NXP Semiconductors BF862 Datasheet HTML 82Page - NXP Semiconductors BF862 Datasheet HTML 83Page - NXP Semiconductors BF862 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
81
NXP Semiconductors RF Manual 16th edition
3.2.3 Band-switch diodes
Why choose NXP’s band-switch diodes:
` Reliable volume supplier
` Short lead time
` Low series inductance
` Low insertion loss
` Low capacitance
` High reverse isolation
Type
Package
V
R max
(V)
IF max
(mA)
r
D max
(Ω)
@ IF =
(mA)
@ f =
(MHz)
C
d max
(pF)
@ V
R =
(V)
@ f =
(MHz)
BA277
SOD523
35
100
0.7
2
100
1.2
6
1
BA591
SOD323
35
100
0.7
3
100
0.9
3
1
BA891
SOD523
35
100
0.7
3
100
0.9
3
1
BAT18
SOT23
35
100
0.7
5
200
1
20
1
3.2.4 Schottky diodes
Why choose NXP’s Schottky diodes:
` Low diode capacitance
` Low forward voltage
` Single- and triple-isolated diode
` Small package
Applications
` Digital applications:
- Ultra high-speed switching
- Clamping circuits
` RF applications:
- Diode ring mixer
- RF detector
- RF voltage doubler
Low-capacitance Schottky diodes
Type
Package
Configuration
V
R max.
(V)
I
F max.
(mA)
V
F max.
(mV)
C
D max.
(pF)
BAT17
SOT23
Single
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
PMBD353
SOT23
Dual-series
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
PMBD354^
SOT23
Dual-series
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
1PS76SB17
SOD323
Single
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
1PS66SB17
SOT666
Triple-isolated
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
1PS79SB17
SOD523
Single
4
30
450 @ IF = 1 mA
1 @ VR = 0 V
1PS88SB82
SOT363
Triple-isolated
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS70SB82
SOT323
Single
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS70SB84
SOT323
Dual-series
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS70SB85
SOT323
Dual c.c
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS70SB86
SOT323
Dual c.a.
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS66SB82
SOT666
Triple-isolated
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
1PS10SB82
SOD882
Single
15
30
340 @ IF = 1 mA
1 @ VR = 0 V
Bold = highly recommended product
^ Diodes have matched capacitance
Schottky diode selection guide on www.nxp.com/rfschottkydiodes
Easy-to-use parametric filters help you choose the right Schottky
diode for your design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com