Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 82Page - NXP Semiconductors BF862 Datasheet HTML 83Page - NXP Semiconductors BF862 Datasheet HTML 84Page - NXP Semiconductors BF862 Datasheet HTML 85Page - NXP Semiconductors BF862 Datasheet HTML 86Page - NXP Semiconductors BF862 Datasheet HTML 87Page - NXP Semiconductors BF862 Datasheet HTML 88Page - NXP Semiconductors BF862 Datasheet HTML 89Page - NXP Semiconductors BF862 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
87
NXP Semiconductors RF Manual 16th edition
General-purpose medium power amplifiers
Type
Package
@ V
CC
@ I
CC
Frequency
range
RF input
frequency
Gain
P
L(1dB)
IP3
O
NF
[typ]
[typ]
[min]
[max]
[typ]
[typ]
[typ]
[typ]
(V)
(mA)
(MHz)
(MHz)
(dB)
(dBm)
(dBm)
(dB)
BGA6289
SOT89
4.1
84
100-3000
900
15.0
31.0
17.0
3.5
1800
13.0
28.0
15.0
3.7
BGA6489
SOT89
5.1
78
100-3000
900
20.0
33.0
20.0
3.1
1800
16.0
30.0
17.0
3.3
BGA6589
SOT89
4.8
81
100-3000
900
22.0
33.0
21.0
3
1800
17.0
32.0
20.0
3.3
BGA7014*
SOT89
5
70
30-6000
2000
12.0
13.0
26.0
6.2
4000
13.5
10.0
20.5
6.0
BGA7017*
SOT89
5
87
30-6000
2000
12.0
16.5
29.0
6.4
4000
13.5
11.5
23.0
6.3
BGA7020*
SOT89
5
120
30-6000
2000
13.0
18.5
33.0
6.5
4000
14.0
14.0
26.0
6.2
BGA7024
SOT89
5
110
400 - 2700
940
22.0
24.0
37.5
2.9
1960
16.0
25.5
38.0
3.7
2140
15.0
25.5
38.0
3.7
2445
14.0
24.5
37.5
4.0
BGA7027
SOT89
5
165
400 - 2700
940
19.0
29.0
41.5
2.6
1960
11.5
27.5
43.0
3.8
2140
11.0
28.0
42.5
3.9
BGA7124
SOT908
5
140
400 - 2700
940
23.0
25.0
38.5
5.2
1960
16.5
24.5
38.0
4.6
2140
16.0
24.5
37.5
4.8
2445
14.0
23.5
36.0
5.4
BGA7127
SOT908
5
180
400 - 2700
940
20.0
27.5
41.5
3.1
1960
13.0
28.5
42.5
4.5
2140
12.0
28.0
42.0
4.6
2445
10.5
27.5
41.5
4.7
BGA7130
SOT908
5
450
400 - 2700
750
18.0
30.0
43.0
5.0
2140
10.0
30.0
44.0
5.0
VGAs for wireless infrastructures
Type
Package
type
@ V
CC
@ I
CC
f
range
f
range
Gp @ minimum
attenuation
Attenuation
range
NF
P
L(1dB)
IP3
O
[typ]
[typ]
[min]
[max]
(dB)
(dB)
[typ]
[typ]
[typ]
(V)
(mA)
(MHz)
(MHz)
(dB)
(dBm)
(dBm)
BGA7204
SOT617-3
single
5
115
400
700
18.5
31.5
7
21
38
5
115
700
1450
18.5
31.5
6.5
21
37.5
5
115
1450
2100
17.5
30.5
6.5
20.5
36
5
115
2100
2750
16.5
30
7
20
34
BGA7210
SOT617-3
single
5
185
700
1400
30
31.5
6.5
21
39
5
185
1400
1700
29.5
31.5
6.5
21
37
5
185
1700
2200
29
31.5
6.5
21
35
5
185
2200
2800
28
30.5
7
23
35
5
185
3400
3800
26
29.5
8
19
27
BGA7350
SOT617-1
dual
5
245
50
250
18.5
24
6
17
43
BGA7351
SOT617-1
dual
5
280
50
250
22
28
6
16.5
46
2-stage variable-gain linear amplifier
Type
Package
@
Frequency
range
@ 900 MHz
@ 1900 MHz
Limits
V
s
I
s
Gain(1)
DG(2)
P
1dB
ACPR
Gain(1)
DG(2)
P
1dB
ACPR
V
s
I
s
P
tot
(V)
(mA)
(dB)
(dB)
(dBm)
(dBc)
(dB)
(dB)
(dBm)
(dBc)
(V)
(mA)
(mW)
BGA2031/1
SOT363
3
51
800-2500
24
62
11
49
23
56
13
49
3.3
77
200
(1)
Gain = GP, power gain
(2)
DG = gain control range
Wideband linear mixer
Type
Package
@
RF input
IF output
@ 880 MHz
@ 1900 MHz
Limits
Vs
Is
Frequency
range
Frequency
range
NF
Gain(1) OIP3
NF
Gain(1) OIP3
Vs
Is
Ptot
(V)
(mA)
(dB)
(dB)
(dBm)
(dB)
(dB)
(dBm)
(V)
(mA)
(mW)
BGA2022
SOT363
3
6
800 - 2500
50 - 500
9
5
4
9
6
10
4
10
40
(1)
Gain = GP, power gain
(2)
DG = gain control range
Bold = highly recommended product
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com